Electronic Components Datasheet Search
  English  ▼

X  

K1GL Datasheet(PDF) 15 Page - Greenlee Communications

Part # K1GL
Description  WIRE & CABLE TERMINATION
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREENLEE [Greenlee Communications]
Direct Link  https://www.greenlee.com/
Logo GREENLEE - Greenlee Communications

K1GL Datasheet(HTML) 15 Page - Greenlee Communications

Back Button K1GL Datasheet HTML 11Page - Greenlee Communications K1GL Datasheet HTML 12Page - Greenlee Communications K1GL Datasheet HTML 13Page - Greenlee Communications K1GL Datasheet HTML 14Page - Greenlee Communications K1GL Datasheet HTML 15Page - Greenlee Communications K1GL Datasheet HTML 16Page - Greenlee Communications K1GL Datasheet HTML 17Page - Greenlee Communications K1GL Datasheet HTML 18Page - Greenlee Communications K1GL Datasheet HTML 19Page - Greenlee Communications Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 50 page
background image
USA Tel: 800-435-0786
Canada Tel: 800-435-0786
International Tel: +1-815-397-7070
Fax: 800-451-2632
Fax: 800-524-2853
Fax: +1-815-397-9247
greenlee.com
CAT. NO.
UPC NO.
DESCRIPTION
727
31291
Cable Cutter
Cable Cutter
• Heavy-duty forged steel to cut copper or aluminum.
• Heat treated, precision ground, shear action curved cutting blades.
• Plastic coated, high leverage handles.
• Made in USA.
• Rust-resistant, black oxide finish.
SPECIFICATIONS
Capacity
Copper
Aluminum
Communications Cable
Maximum
2/0 (70 mm2)
Frequent Use
#1 AWG (35 mm2)
2/0 (70 mm2)
100 pair
Length
9-1/4" (235 mm)
Weight
1 lb. (.45 kg)
706
704
705
718F
SPECIFICATIONS
718F
704
705
706
Length
17-1/2" (444 mm)
21" (533 mm)
25-1/2" (648 mm)
31-1/2" (800 mm)
Weight
2.8 lbs. (1.3 kg)
3.01 lbs. (1.37 kg)
5.5 lbs. (2.5 kg)
6.2 lbs. (2.8 kg)
CAPACITIES
Capacity
Copper
Aluminum
Communications Cable
718F
Maximum
350 kcmil (MCM) (150 mm2)
1" (25 mm) dia.
Frequent Use
4/0 AWG (95)
350 kcmil (MCM) (150 mm2)
704
Maximum
350 kcmil (MCM) (150 mm2)
500 kcmil (MCM) (240 mm2)
1-1/4" (32 mm) dia.
Frequent Use
250 kcmil (MCM) (120 mm2)
350 kcmil (MCM) (150 mm2)
705
Maximum
500 kcmil (MCM) (240 mm2)
1000 kcmil (MCM) (500 mm2)
1-3/4" (44 mm) dia.
Frequent Use
350 kcmil (MCM) (150 mm2)
750 kcmil (MCM) (400 mm2)
706
Maximum
750 kcmil (MCM) (400 mm2)
1000 kcmil (MCM) (500 mm2)
1-1/2" (38 mm) dia.
Frequent Use
500 kcmil (MCM) (240 mm2)
750 kcmil (MCM) (400 mm2)
CAT. NO.
UPC NO.
DESCRIPTION
718F
10507
Heavy-Duty Cable Cutter
704
24564
Heavy-Duty Cable Cutter
705
05923
Heavy-Duty Cable Cutter
706
22291
Heavy-Duty Cable Cutter
24565
24565
704 Cutter Unit (Includes 2 Blades)
24567
24567
704 Handle Unit (Includes Handle, Sleeve, Grip)
06555
06555
705 Cutter Unit (Includes 2 Blades)
05930
05930
705 Handle Unit (Includes Handle, Sleeve, Grip)
22292
22292
706 Cutter Unit (Includes 2 Blades)
22296
22296
706 Handle Unit (Includes Handle, Sleeve, Grip)
Heavy-Duty Cable Cutters
718F, 704, 705, and 706
• Strong, lightweight fiberglass handles.
• Adjustable pivot bolt provides for blade adjustment.
704, 705, and 706
• Replaceable, forged, heat treated, and precision ground blades.
• Made in USA.
155



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com