Electronic Components Datasheet Search
  English  ▼

X  

K1GL Datasheet(PDF) 11 Page - Greenlee Communications

Part # K1GL
Description  WIRE & CABLE TERMINATION
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREENLEE [Greenlee Communications]
Direct Link  https://www.greenlee.com/
Logo GREENLEE - Greenlee Communications

K1GL Datasheet(HTML) 11 Page - Greenlee Communications

Back Button K1GL Datasheet HTML 7Page - Greenlee Communications K1GL Datasheet HTML 8Page - Greenlee Communications K1GL Datasheet HTML 9Page - Greenlee Communications K1GL Datasheet HTML 10Page - Greenlee Communications K1GL Datasheet HTML 11Page - Greenlee Communications K1GL Datasheet HTML 12Page - Greenlee Communications K1GL Datasheet HTML 13Page - Greenlee Communications K1GL Datasheet HTML 14Page - Greenlee Communications K1GL Datasheet HTML 15Page - Greenlee Communications Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 50 page
background image
USA Tel: 800-435-0786
Canada Tel: 800-435-0786
International Tel: +1-815-397-7070
Fax: 800-451-2632
Fax: 800-524-2853
Fax: +1-815-397-9247
greenlee.com
759
SPECIFICATIONS
759
Capacity
Copper
Aluminum
Communications Cable
Maximum
500 kcmil (MCM) (240 mm2)
750 kcmil (MCM) (400 mm2)
1-1/8" dia. (28 mm2)
Frequent Use
400 kcmil (MCM) (185 mm2)
600 kcmil (MCM) (300 mm2)
Length 10-1/2" (262 mm)
Weight 1.4 lbs. (0.6 kg)
760
Maximum
1000 kcmil (MCM) (500 mm2)
1000 kcmil (MCM) (500 mm2)
1-3/4" dia. (42 mm2)
Frequent Use
750 kcmil (MCM) (400 mm2)
1000 kcmil (MCM) (500 mm2)
Length 11-3/4" (298 mm)
Weight 1.75 lbs. (0.8 kg)
760
Compact Ratchet Cable Cutters
• Simple, one-hand operation.
• Compact – convenient for working in tight places and stores easily in
tool pouches.
• Single speed ratchet mechanism.
• Blade release allows blades to be opened in mid-cut.
• Heavy-duty blades provide long life.
CAT. NO.
UPC NO.
DESCRIPTION
759
45277
Compact Ratchet Cable Cutter
760
17600
Compact Ratchet Cable Cutter
SPECIFICATIONS
761
Capacity
Copper
Aluminum
Communications Cable
Maximum
750 kcmil (MCM) (400 mm2)
1000 kcmil (MCM) (500 mm2)
1-1/8" dia. (28 mm2)
Length 10-3/4" (273 mm)
Weight 3.6 lbs. (1.6 kg)
761
Two-Hand Ratchet Cable Cutter
• Two-handed operation provides more leverage and makes cutting large
cables easier.
• Short fiberglass handles make it easy to use in tight places and to store in
tool boxes.
• Single speed ratchet mechanism.
• Blade release allows blades to be opened in mid-cut.
• Heavy duty forged steel blades provide long life.
CAT. NO.
UPC NO.
DESCRIPTION
761
11761
Two-Hand Ratchet Cable Cutter
151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com