Electronic Components Datasheet Search
  English  ▼

X  

K1GL Datasheet(PDF) 12 Page - Greenlee Communications

Part # K1GL
Description  WIRE & CABLE TERMINATION
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREENLEE [Greenlee Communications]
Direct Link  https://www.greenlee.com/
Logo GREENLEE - Greenlee Communications

K1GL Datasheet(HTML) 12 Page - Greenlee Communications

Back Button K1GL Datasheet HTML 8Page - Greenlee Communications K1GL Datasheet HTML 9Page - Greenlee Communications K1GL Datasheet HTML 10Page - Greenlee Communications K1GL Datasheet HTML 11Page - Greenlee Communications K1GL Datasheet HTML 12Page - Greenlee Communications K1GL Datasheet HTML 13Page - Greenlee Communications K1GL Datasheet HTML 14Page - Greenlee Communications K1GL Datasheet HTML 15Page - Greenlee Communications K1GL Datasheet HTML 16Page - Greenlee Communications Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 50 page
background image
USA Tel: 800-435-0786
Canada Tel: 800-435-0786
International Tel: +1-815-397-7070
Fax: 800-451-2632
Fax: 800-524-2853
Fax: +1-815-397-9247
greenlee.com
152
SPECIFICATIONS
Capacity
Copper
Aluminum
Communications Cable
45206
Maximum
600 kcmil (MCM) (300 mm2)
600 kcmil (MCM) (300 mm2)
1-3/8" (35 mm) dia.
Frequent Use
500 kcmil (MCM) (240 mm2)
500 kcmil (MCM) (240 mm2)
Length 10" (254 mm)
Jaw opening 1-7/16" (36.5 mm)
45207
Maximum
750 kcmil (MCM) (400 mm2)
1000 kcmil (MCM) (500 mm2)
2" (50 mm) dia.
Frequent Use
600 kcmil (MCM) (300 mm2)
750 kcmil (MCM) (400 mm2)
Length 11" (279 mm)
Jaw opening 2" (50 mm)
SPECIFICATIONS
Length
11-1/2" (287 mm)
Weight
2.8 lbs. (1.3 kg)
45240
Telco Ratchet Cutter
This versatile cutter has a specially designed moving blade to handle the
larger diameter telephone cable and soft drawn copper and aluminum.
• Cuts up to 2,700 pair telephone cable or up to 750 kcmil (MCM) (400 mm2)
soft drawn copper and aluminum.
• Blade release for safety and fast backout.
• High carbon tool steel blades are heat treated for long life.
• Ratchet lock.
• Blades are manufactured from high carbon tool steel and heat-treated
for long life.
• Rust-resistant, black oxide finish.
CAT NO.
UPC NO.
DESCRIPTION
45240
45240
Telco Ratchet Cutter
45241
45241
Movable Blade Replacement
45242
45242
Fixed Blade Replacement
Not for use on ACSR
or steel jacketed cable.
Performance Ratchet Cable Cutters
Both models feature:
• Simple, one-hand operation.
• Two-speed ratchet mechanism adjusts for light/heavy cutting.
• Well-suited for tight work spaces.
• Specially designed blade improves cutting capacity.
WEIGHT
CAT. NO.
UPC NO.
DESCRIPTION
LBS.
kg
45206
45206
Performance Ratchet Cable Cutter
1.5
.7
45207
45207
Performance Ratchet Cable Cutter
2.4
1.1
45206
45207



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com