Electronic Components Datasheet Search
  English  ▼

X  

33977 Datasheet(PDF) 23 Page - Freescale Semiconductor, Inc

Part # 33977
Description  Single Gauge Driver
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33977 Datasheet(HTML) 23 Page - Freescale Semiconductor, Inc

Back Button 33977 Datasheet HTML 19Page - Freescale Semiconductor, Inc 33977 Datasheet HTML 20Page - Freescale Semiconductor, Inc 33977 Datasheet HTML 21Page - Freescale Semiconductor, Inc 33977 Datasheet HTML 22Page - Freescale Semiconductor, Inc 33977 Datasheet HTML 23Page - Freescale Semiconductor, Inc 33977 Datasheet HTML 24Page - Freescale Semiconductor, Inc 33977 Datasheet HTML 25Page - Freescale Semiconductor, Inc 33977 Datasheet HTML 26Page - Freescale Semiconductor, Inc 33977 Datasheet HTML 27Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 37 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
23
33977
FUNCTIONAL DEVICE OPERATION
LOGIC COMMANDS AND REGISTERS
by status bits MOV0. Additional details are provided in the
Internal clock Calibration section.
Some applications may require a guaranteed maximum
pointer velocity and acceleration. Guaranteeing these fall
below 1.0 MHz. The frequency range of the calibrated clock
maximums requires [that deleted PV] the nominal internal
clock frequency will always be below 1.0 MHz if bit PE4 is
Logic [0] when initiating a calibration command, followed by
an 8.0 µs reference pulse. The frequency will be centered at
1.0 MHz if bit PE4 is Logic [1]. Some applications may require
a slower calibrated clock due to a lower motor gear reduction
ratio. Writing Logic [1] to bit PE2 will slow the internal
oscillator by one-third. Slowing the oscillator accommodates
a longer calibration pulse without overrunning the internal
counter - a condition designed to generate a CAL fault
indication. For example, calibration for a clock frequency of
667 kHz would require a calibration pulse of 12 µs. Unless the
internal oscillator is slowed by writing PE2 to Logic [1], a 12
µ
s calibration pulse may overrun the counter and generate a
CAL fault indication.
Some applications may require faster pointer positioning
than is provided with the air core motor emulation feature.
Writing Logic [1] to bit PE5 will disable the air core emulation
for both gauges and provide an acceleration and deceleration
at the maximum that the velocity position ramp can provide.
Bit PE6 must always be written Logic [0] during all PECCR
writes if the device is being used to drive an MMT style motor.
Similarly, this bit must always be written as Logic [1] when
being used to control Switec style motors.
The default Pointer Position 0 (PE7 = 0) will be the farthest
counter-clockwise position. A Logic [1] written to bit PE7 will
change the location of the position 0 for the gauge to the
farthest clockwise position. The pointer will always move
towards position 0 when executing an RTZ. Exercise care
when writing to PECCR bit PE7 in order to prevent an
accidental change of the position 0 location.
Bits PE11:PE9 determine the content of the bits clocked
out of the SO pin. When bit PE11 is at Logic [0], the clocked
out bits will provide device status. If Logic [1] is written to bit
PE11, the bits clocked out of the SO pin, depending upon the
state of bits PE10:PE9, provides either:
• Accumulator information and detection status during
the RTZ (PE10 Logic [0])
• Real time pointer position location at the time CS goes
low (PE10 Logic [1] and PE9 Logic [0]), or
• The real time step position of the pointer as described
in the velocity Table 6 (PE10 and PE9 Logic [1]).
Additional details are provided in the SO Communication
section.
If bit PE12 is Logic [1] during a PECCR command, the
state of PE11:PE0 is ignored. This is referred to as the null
command and can be used to read device status without
affecting device operation.
The bits in Table 9 are write-only.
Null Command for Status Read (PE12) Bit D12
• 0 = Disable
• 1 = Enable
Status Select (PE11) Bit D11
This bit selects the information clocked out of the SO pin.
• 0 = Device Status (the logic states of PE10, and PE9
are don’t cares)
• 1 = RTZ Accumulator Value, Gauge Pointer position, or
Gauge Velocity ramp position (depending upon the
logic states of PE10, and PE9)
RTZ Accumulator or Pointer Status Select (PE10) Bit D10
This bit is recognized only when PE11 = 1.
• 0 = RTZ Accumulator Value and status
• 1 = Pointer Position or Speed
Pointer Position or Pointer Speed Select (PE9) Bit D9
This bit is recognized only if PE11 and PE10 = 1.
• 0 = Gauge Pointer Position
• 1 = Gauge Pointer Speed
(PE8) Bit D8
This bit must be transmitted as Logic [0] for valid PECCR
commands.
Position 0 Location Select (PE7) Bit D7
This bit determines the Position 0 of the gauge. RTZ
direction will always be to the position 0.
• 0 = Position 0 is the most CCW (counterclockwise)
position
• 1 = Position 0 is the most CW (clockwise) position
Motor Type Selection (PE6) Bit D6
• 0 = MMT Style (coil phase difference = 90°)
• 1 = Switec Style (coil phase difference = 60°)
Table 9. Power, Enable, Calibration, and Configuration Register (PECCR)
Address 000
Bits
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Read
–
–
–
–
–
–
–
–
–
–
–
–
–
Write
PE12
PE11
PE10
PE9
0
PE7
PE6
PE5
PE4
PE3
PE2
0
PE0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com