Electronic Components Datasheet Search
  English  ▼

X  

33977 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # 33977
Description  Single Gauge Driver
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33977 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  33977 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33977 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33977 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33977 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33977 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33977 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33977 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33977 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33977 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
3
33977
PIN CONNECTIONS
PIN CONNECTIONS
Figure 3. 33977 Pin Connections
Table 1. 33977 Pin Definitions
A functional description of each pin can be found in the Functional Pin Description section beginning onpage 10.
Pin
Pin Name
Pin Function
Formal Name
Definition
1
2
3
4
(MS Motor
Pin #)
COS+ (MS #4)
COS- (MS #3)
SIN+ (MS #1)
SIN- (MS #2)
Output
H-Bridge Outputs 0
Each pin is the output of a half-bridge, designed to source or sink current.
5 to 8,
17 to 20
GND
N/A
Ground
Ground pins
9
CS
Input
Chip Select
This pin is connected to a chip select output of a Large Scale Integration
(LSI) Master IC and controls which device is addressed.
10
SCLK
Input
Serial Clock
This pin is connected to the SCLK pin of the master device and acts as a
bit clock for the SPI port.
11
SO
Output
Serial Output
This pin is connected to the SPI Serial Data Input pin of the Master device
or to the SI pin of the next device in a daisy chain.
12
SI
Input
Serial Input
This pin is connected to the SPI Serial Data Output pin of the Master
device from which it receives output command data.
13
RTZ
Multiplexed
Output
Return to Zero
This is a multiplexed output pin for the non-driven coil, during a Return to
Zero (RTZ) event.
14
VDD
Input
Voltage
This SPI and logic power supply input will work with 5.0 V supplies.
15
RST
Input
Reset
This pin is connected to the Master and is used to reset the device, or
place it into a sleep state by driving it to Logic [1]. When this pin is driven
to Logic [0], all internal logic is forced to the default state. This input has
an internal active pull-up.
16
VPWR
Input
Battery Voltage
Power supply
21, 22, 23, 24
NC
–
No Connect
These pins are not connected to any internal circuitry, or any other pin,
and may be connected to the board where convenient.
NC
NC
NC
NC
GND
GND
GND
GND
VPWR
RST
VDD
RTZ
COS+
COS-
SIN+
SIN-
GND
GND
GND
GND
CS
SCLK
SO
SI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com