Electronic Components Datasheet Search
  English  ▼

X  

33977 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # 33977
Description  Single Gauge Driver
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33977 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button 33977 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33977 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33977 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33977 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33977 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33977 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33977 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33977 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33977 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
Analog Integrated Circuit Device Data
8
Freescale Semiconductor
33977
ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
SPI INTERFACE TIMING (CS, SCLK, SO, SI, RST) ‘ (CONTINUED)
Time from Falling Edge of CS to SO Low Impedance (22)
tSOEN
–
–
145
ns
Time from Falling Edge of CS to SO High Impedance (23)
tSODIS
–
1.3
4.0
µs
Time from Rising Edge of SCLK to SO Data Valid (24)
0.2 VDD = SO = 0.8 VDD, CL = 200 pF
tVALID
–
90
150
ns
Notes
21.
The 33977 shall meet all SPI interface timing requirements specified in the SPI Interface Timing section of this table, over the specified
temperature range. Digital interface timing is based on a symmetrical 50 percent duty cycle SCLK Clock Period of 33 ns. The device shall
be fully functional for slower clock speeds.
22.
Time required for output status data to be terminated at SO 1.0 k
Ω load on SO.
23.
Time required for output status data to be available for use at SO 1.0 k
Ω load on SO.
24.
Time required to obtain valid data out from SO following the rise of SCLK.
Table 4. Dynamic Electrical Characteristics (continued)
Characteristics noted under conditions 4.75 V
< VDD < 5.25 V, and -40°C < TA < 125°C, unless otherwise noted. Typical
values noted reflect the approximate parameter means at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com