Electronic Components Datasheet Search
  English  ▼

X  

33977 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # 33977
Description  Single Gauge Driver
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33977 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  33977 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33977 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33977 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33977 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33977 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33977 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33977 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33977 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33977 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
Freescale Semiconductor, Inc. reserves the right to change the detail specifications,
as may be required, to permit improvements in the design of its products.
Document Number: MC33977
Rev. 2.0, 1/2007
Freescale Semiconductor
Technical Data
© Freescale Semiconductor, Inc., 2007. All rights reserved.
Single Gauge Driver
The 33977 is a Serial Peripheral Interface (SPI) Controlled, stepper
motor gauge driver Integrated Circuit (IC). This monolithic IC consists
of a dual H-Bridge coil driver and its associated control logic. The H-
Bridge drivers are used to automatically control the speed, direction,
and magnitude of current through the coils of a two-phase
instrumentation stepper motor, similar to an MMT-licensed AFIC 6405
of Switec MS-X156.xxx motor.
The 33977 is ideal for use in instrumentation systems requiring
distributed and flexible stepper motor gauge driving. The device also
eases the transition to stepper motors from air core motors by
emulating the damped air core pointer movement.
Features
• MMT-Licensed Two-Phase Stepper Motor Compatible
• Switec MS-X15.xxx Stepper Motor Compatible
• Minimal Processor Overhead Required
• Fully Integrated Pointer Movement and Position State Machine
with Air Core Movement Emulation
• 4096 Possible Steady State Pointer Positions
• 340° Maximum Pointer Sweep
• Maximum Acceleration of 4500°/s2
• Maximum Pointer Velocity of 400°/s
• Analog Microstepping (12 Steps/Degrees of Pointer Movement)
• Pointer Calibration and Return to Zero (RTZ)
• Controlled via 16-Bit SPI Messages
• Internal Clock Capable of Calibration
• Low Sleep Mode Current
• Pb-Free Packaging Designated by suffix code EG
Figure 1. 33977 Simplified Application Diagram
ORDERING INFORMATION
Device
Temperature
Range (TA)
Package
MC33977DW/R2
-40°C to 125°C
24 SOICW
MCZ33977EG/R2
33977
SINGLE GAUGE DRIVER
DW SUFFIX
98ASB42344B
24-PIN SOICW
EG SUFFIX (Pb-FREE)
5.0 V
Regulator
MCU
VPWR
VPWR
33977
VDD
VDD
RTZ
RST
CS
SCLK
SI
SO
GND
Motor
SIN+
SIN-
COS+
COS-


Similar Part No. - 33977

ManufacturerPart #DatasheetDescription
logo
Heyco.
3397 HEYCO-3397 Datasheet
100Kb / 1P
Hinged Cable Holders
logo
Freescale Semiconductor...
33970 FREESCALE-33970 Datasheet
1Mb / 36P
Dual Gauge Driver Integrated Circuit with Improved Damping Algorithms
logo
Festo Corporation.
33970 FESTO-33970 Datasheet
88Kb / 1P
Vacuum security valve
33971 FESTO-33971 Datasheet
88Kb / 1P
Vacuum security valve
logo
Freescale Semiconductor...
33972 FREESCALE-33972 Datasheet
1Mb / 28P
Multiple Switch Detection Interface with Suppressed Wake-Up
More results

Similar Description - 33977

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA5777A PHILIPS-SA5777A Datasheet
116Kb / 12P
Dual air-core gauge driver
1999 Sep 20
SA5778 PHILIPS-SA5778 Datasheet
122Kb / 16P
Serial triple gauge driver STGD
1998 Apr 03
logo
Cherry Semiconductor Co...
CS4172 CHERRY-CS4172 Datasheet
158Kb / 6P
Single Air-Core Gauge Driver
Rev. 4/19/99
logo
Motorola, Inc
MC33991 MOTOROLA-MC33991 Datasheet
660Kb / 36P
Gauge Driver Integrated Circuit
logo
ON Semiconductor
CS4192 ONSEMI-CS4192 Datasheet
71Kb / 8P
Single Air-Core Gauge Driver
December, 2001 ??Rev. 6
CS4192 ONSEMI-CS4192_05 Datasheet
83Kb / 8P
Single Air?묬ore Gauge Driver
September, 2005 ??Rev. 7
logo
Freescale Semiconductor...
33991 FREESCALE-33991 Datasheet
1Mb / 36P
Gauge Driver Integrated Circuit
logo
ON Semiconductor
CS4172 ONSEMI-CS4172 Datasheet
65Kb / 8P
Single Air-Core Gauge Driver
December, 2001 - Rev. 3
logo
Texas Instruments
BQ27220 TI1-BQ27220 Datasheet
128Kb / 6P
Single-Cell CEDV Fuel Gauge
logo
NXP Semiconductors
MC33977 NXP-MC33977 Datasheet
2Mb / 37P
Single Gauge Driver
Rev. 2.0, 1/2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com