Electronic Components Datasheet Search
  English  ▼

X  

FEN20-4IOL Datasheet(PDF) 1 Page - Turck, Inc.

Part # FEN20-4IOL
Description  Compact IP20 Multiprotocol I/O Station 4 IO-Link Master Channels
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.

FEN20-4IOL Datasheet(HTML) 1 Page - Turck, Inc.

  FEN20-4IOL Datasheet HTML 1Page - Turck, Inc. FEN20-4IOL Datasheet HTML 2Page - Turck, Inc. FEN20-4IOL Datasheet HTML 3Page - Turck, Inc. FEN20-4IOL Datasheet HTML 4Page - Turck, Inc. FEN20-4IOL Datasheet HTML 5Page - Turck, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Hans Turck GmbH & Co.KG ñ D-45472 Mülheim an der Ruhr ñ Witzlebenstraße 7 ñ Tel. 0208 4952-0 ñ Fax 0208 4952-264 ñ more@turck.com ñ www.turck.com1 / 5
Compact IP20 Multiprotocol I/O Station
4 IO-Link Master Channels
FEN20-4IOL
Type
FEN20-4IOL
ID
6814140
Supply
Supply voltage
24 VDC
Admissible range
20.4...28.8 VDC
System power supply
Supply from V1, class 2 power source required
Voltage supply connection
Screw terminals
Operating current
100 mA
Sensor/actuator supply
Supply of terminals V1+1…V1+4 from V1+, 1 A per
terminal. Total current max. 4 A
Electrical isolation
500V Galvanic Zone-Zone and Zone-Ethernet
Power dissipation, typical
ð
2.4 W
System data
Transmission rate Ethernet
10/100 Mbps, Full/Half Duplex, Auto Negotiation,
Auto Cross
Fieldbus connection technology
Screw terminals, (Power and I/O)
Terminal cross-section
0.2…1.5 mm² (AWG: 26…14)
Tightening torque
0.5 Nm
Connection technology Ethernet
2 × RJ45
Fieldbus address range
0 (192.168.1.254)
Protocol detection
automatic
Web server
192.168.1.254 (Default)
Service interface
Ethernet
Field Logic Controller (FLC)
ARGEE Firmware Version
1.2.0.0
ARGEE Engineering Version
1.0.10.0
Modbus TCP
Addressing
Static IP, BOOTP, DHCP
Supported function codes
FC1, FC2, FC3, FC4, FC5, FC6, FC15, FC16, FC23
Number of TCP connections
6
Input Data Size
max. 1 register
Input register start address
0 (0x0000 hex)
Output Data Size
max. 1 register
Output register start address
2048 (0x0800 hex)
■ EtherNet/IP™ slave
■ Modbus TCP slave
■ PROFINET slave
■ 2 RJ45 ports for the Ethernet connection
■ Integrated Ethernet switch
■ 10/100 Mbps
■ C/Q can be configured as digital in-
puts/outputs
■ V1+
1
…V1+
4
configurable as on, switchable
or off
■ Protection class IP20


Similar Part No. - FEN20-4IOL

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
FEN20-4IOL-DIN TURCK-FEN20-4IOL-DIN Datasheet
236Kb / 4P
Compact IP20 Multiprotocol I/O Station 4 IO-Link Master Channels
2022-05-03
More results

Similar Description - FEN20-4IOL

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14824 MAXIM-MAX14824 Datasheet
2Mb / 28P
IO-Link Master Transceiver
Rev 3; 5/12
logo
Contec Co., Ltd
CPSL-08P1EN CONTEC-CPSL-08P1EN Datasheet
699Kb / 3P
IO-Link Master Module
logo
Festo Corporation.
8086604 FESTO-8086604 Datasheet
89Kb / 2P
IO-Link Master
4080495 FESTO-4080495 Datasheet
75Kb / 2P
IO-Link master module
logo
WAGO Kontakttechnik Gmb...
750-657 WAGO-750-657 Datasheet
555Kb / 13P
IO-Link Master
logo
Pepperl+Fuchs Inc.
ICE1-8IOL-G30L-V1D PF-ICE1-8IOL-G30L-V1D Datasheet
857Kb / 4P
IO-Link master
ICE1-8IOL-G60L-V1D PF-ICE1-8IOL-G60L-V1D Datasheet
969Kb / 4P
IO-Link master
ICE1-8IOL-S2-G60L-V1D PF-ICE1-8IOL-S2-G60L-V1D Datasheet
601Kb / 3P
IO-Link master
IO-LINK-MASTER02-USB PF-IO-LINK-MASTER02-USB Datasheet
715Kb / 4P
IO-Link Master
2020-06-30
logo
NXP Semiconductors
CM3120 NXP-CM3120 Datasheet
1Mb / 38P
IO-link master transceiver
Rev. 1.0, 7/2016
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com