Electronic Components Datasheet Search
  English  ▼

X  

FEN20-4IOL Datasheet(PDF) 4 Page - Turck, Inc.

Part # FEN20-4IOL
Description  Compact IP20 Multiprotocol I/O Station 4 IO-Link Master Channels
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.

FEN20-4IOL Datasheet(HTML) 4 Page - Turck, Inc.

  FEN20-4IOL Datasheet HTML 1Page - Turck, Inc. FEN20-4IOL Datasheet HTML 2Page - Turck, Inc. FEN20-4IOL Datasheet HTML 3Page - Turck, Inc. FEN20-4IOL Datasheet HTML 4Page - Turck, Inc. FEN20-4IOL Datasheet HTML 5Page - Turck, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Hans Turck GmbH & Co.KG ñ D-45472 Mülheim an der Ruhr ñ Witzlebenstraße 7 ñ Tel. 0208 4952-0 ñ Fax 0208 4952-264 ñ more@turck.com ñ www.turck.com4 / 5
Module Status LED
LED
Color
Status
Description
ETH1 / ETH2
Green
ON
Ethernet Link (100 Mbps)
Flashing
Ethernet communication (100 Mbps)
yellow
ON
Ethernet Link (10 Mbps)
Flashing
Ethernet communication (10 Mbps)
OFF
No Ethernet link
BUS
Green
ON
Active connection to a master
Flashing
Ready
Flashes 3x (1 Hz)
ARGEE program running
Red
ON
IP address conflict or status word is active
Flashing
Blink/Wink command active
OFF
Power off
ERR
Green
ON
Diagnostics disabled
Red
ON
Short circuit
Wrong or Missing Device



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com