Electronic Components Datasheet Search
  English  ▼

X  

FEN20-4IOL Datasheet(PDF) 2 Page - Turck, Inc.

Part # FEN20-4IOL
Description  Compact IP20 Multiprotocol I/O Station 4 IO-Link Master Channels
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.

FEN20-4IOL Datasheet(HTML) 2 Page - Turck, Inc.

  FEN20-4IOL Datasheet HTML 1Page - Turck, Inc. FEN20-4IOL Datasheet HTML 2Page - Turck, Inc. FEN20-4IOL Datasheet HTML 3Page - Turck, Inc. FEN20-4IOL Datasheet HTML 4Page - Turck, Inc. FEN20-4IOL Datasheet HTML 5Page - Turck, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Hans Turck GmbH & Co.KG ñ D-45472 Mülheim an der Ruhr ñ Witzlebenstraße 7 ñ Tel. 0208 4952-0 ñ Fax 0208 4952-264 ñ more@turck.com ñ www.turck.com2 / 5
Ethernet/IP
Addressing
acc. to EtherNet/IP specification
Quick Connect (QC)
< 400 ms
Device Level Ring (DLR)
supported
Class 1 connections (CIP)
6
Input Assembly Instance
103
Number of input bytes
8
Output Assembly Instance
104
Number of output bytes
4
Configuration Assembly Instance
106
Configuration Size
0
PROFINET
Addressing
DCP
Conformance class
B (RT)
MinCycleTime
1 ms
Fast Start-Up (FSU)
< 150 ms
Diagnostics
acc. to PROFINET alarm handling
Topology detection
supported
Automatic addressing
supported
Media Redundancy Protocol (MRP)
supported
Digital inputs
Number of channels
4 from C/Q
Input type
PNP
Input delay
2.5 ms
Digital outputs
Number of channels
4 from C/Q
Output type
PNP
Output current per channel
400 mA max
Short-circuit protection
yes
IO-Link
Number of channels
4
IO-Link specification
V 1.1
IO-Link port type
Class A
Frame type
Supports all specified frame types
Transmission rate
4.8 kbps (COM 1) / 38.4 kbps (COM 2) / 230 kbps
(COM 3)
Standard/Directive conformity
Vibration test
Acc. to IEC 60068-2-6
Shock test
acc. to IEC 60068-2-27
Approvals and certificates
cULus, contamination level 2, class 2 power supply
required
General Information
Dimensions (W x L x H)
55 x 62.5 x 30 mm
Ambient temperature
-25…+70 °C
Storage temperature
-40…+85 °C
Protection class
IP20
MTTF
425 years acc. to SN 29500 (Ed. 99) 20 °C
Housing material
Fiber-glass reinforced Polyamide (PA6-GF30)
Housing color
Black
Tightening torque fixing screw
Screw terminals = 0.5 max. Nm



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com