Electronic Components Datasheet Search
  English  ▼

X  

FEN20-4IOL Datasheet(PDF) 3 Page - Turck, Inc.

Part # FEN20-4IOL
Description  Compact IP20 Multiprotocol I/O Station 4 IO-Link Master Channels
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.

FEN20-4IOL Datasheet(HTML) 3 Page - Turck, Inc.

  FEN20-4IOL Datasheet HTML 1Page - Turck, Inc. FEN20-4IOL Datasheet HTML 2Page - Turck, Inc. FEN20-4IOL Datasheet HTML 3Page - Turck, Inc. FEN20-4IOL Datasheet HTML 4Page - Turck, Inc. FEN20-4IOL Datasheet HTML 5Page - Turck, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Hans Turck GmbH & Co.KG ñ D-45472 Mülheim an der Ruhr ñ Witzlebenstraße 7 ñ Tel. 0208 4952-0 ñ Fax 0208 4952-264 ñ more@turck.com ñ www.turck.com3 / 5
Ethernet
RJ45 Ethernet
Power Supply
Recommended torque for screw terminals: 0.5 Nm (4.43 lb.in)
Power Supply
I/O Channels
Recommended torque for screw terminals: 0.5 Nm (4.43 lb.in)
V1+
1
…V1+
4
configurable as on, switchable or off
Terminal Connection



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com