Electronic Components Datasheet Search
  English  ▼

X  

34652 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # 34652
Description  2.0 A Negative Voltage Hot Swap Controller with Enhanced Programmability
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34652 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  34652_07 Datasheet HTML 1Page - Freescale Semiconductor, Inc 34652_07 Datasheet HTML 2Page - Freescale Semiconductor, Inc 34652_07 Datasheet HTML 3Page - Freescale Semiconductor, Inc 34652_07 Datasheet HTML 4Page - Freescale Semiconductor, Inc 34652_07 Datasheet HTML 5Page - Freescale Semiconductor, Inc 34652_07 Datasheet HTML 6Page - Freescale Semiconductor, Inc 34652_07 Datasheet HTML 7Page - Freescale Semiconductor, Inc 34652_07 Datasheet HTML 8Page - Freescale Semiconductor, Inc 34652_07 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
Analog Integrated Circuit Device Data
4
Freescale Semiconductor
34652
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
Table 2. Maximum Ratings
All voltages are with respect to ground unless otherwise noted. Exceeding these ratings may cause a malfunction or
permanent damage to the device.
Ratings
Symbol
Value
Unit
ELECTRICAL RATINGS
Power Supply Voltage
VPWR
85
V
Power MOSFET Energy Capability
EMOSFET
Varies (1)
mJ
Continuous Output Current (2)
IO(CONT)
2.0
A
Maximum Voltage
DISABLE Pin
UV Pin
OV, ILIM, ICHG, and TIMER Pins
PG Pin (VPG - VIN)
PG
Pin (VPG - VIN)
—
—
—
—
—
VIN - 0.3 to VPWR + 5.5
7.0
5.0
85
85
V
All Pins Minimum Voltage
—
-0.3
V
PG, PG Maximum Current
—
Internally Limited
A
ESD Voltage, All Pins (3)
Human Body Model
Machine Model
VESD3
VESD4
±2000
±200
V
THERMAL RATINGS
Storage Temperature
TSTG
-65 to 150
°C
Operating Temperature
Ambient (4)
Junction
TA
TJ
-40 to 85
-40 to 160
°C
Notes
1.
Refer to the section titled Power MOSFET Energy Capability on page 23 for a detailed explanation on this parameter.
2.
Continuous output current capability so long as TJ is ≤ 160°C.
3.
ESD1 testing is performed in accordance with the Human Body Model (CZAP=100pF, RZAP=1500 Ω), ESD2 testing is performed in
accordance with the Machine Model (CZAP=200 pF, RZAP=0 Ω).
4.
The limiting factor is junction temperature, taking into account power dissipation, thermal resistance, and heatsinking.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com