Electronic Components Datasheet Search
  English  ▼

X  

34652 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # 34652
Description  2.0 A Negative Voltage Hot Swap Controller with Enhanced Programmability
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34652 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button 34652_07 Datasheet HTML 3Page - Freescale Semiconductor, Inc 34652_07 Datasheet HTML 4Page - Freescale Semiconductor, Inc 34652_07 Datasheet HTML 5Page - Freescale Semiconductor, Inc 34652_07 Datasheet HTML 6Page - Freescale Semiconductor, Inc 34652_07 Datasheet HTML 7Page - Freescale Semiconductor, Inc 34652_07 Datasheet HTML 8Page - Freescale Semiconductor, Inc 34652_07 Datasheet HTML 9Page - Freescale Semiconductor, Inc 34652_07 Datasheet HTML 10Page - Freescale Semiconductor, Inc 34652_07 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
7
34652
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
DISABLE INPUT CONTROL PIN (DISABLE) (12)
DISABLE Input Voltage
Inactive State
Active State, Positive Signal
Active State, Negative Signal
VDISL
VDISHP
VDISHN
VPWR - 1.2
VPWR + 2.0
—
—
—
—
VPWR + 1.2
—
VPWR - 2.0
V
DISABLE Input Current
VDIS = VPWR + 3.3 V
VDIS = VPWR - 3.3 V
VDIS = VIN
IDIS
20
-20
-50
60
-60
-150
180
-180
-250
µA
CURRENT LIMIT CONTROL PINS (ILIM, ICHG)
Overcurrent Limit in Steady State
Default
Maximum with External Resistor
Minimum with External Resistor
ILIM
—
—
—
1.0
2.25
0.35
—
—
—
A
Current Limit During Start-Up
Default
Maximum with External Resistor
Minimum with External Resistor
ICHG
—
—
—
0.1
0.5
0.05
—
—
—
A
Short Circuit Current Limit
ISHORT
—
5.0
—
A
ILIM Current Limit Hysteresis
ILIMHY
—
12
—
%
ILIM Current Limit Accuracy
ILIMCLA
-20
—
20
%
ICHG Current Limit Accuracy
ICHGCLA
-35
—
35
%
ILIM Pin Voltage
VILIM
—
3.1
—
V
ILIM to RILIM Setting Constant
ILIMCNS
—
129
—
A * kΩ
ICHG Reference Current
ICHGOUT
—
-8.0
—
µA
ICHG to RICHG Setting Constant
ICHGCNS
—
335
—
k
Ω/A
POWER GOOD OUTPUT PINS (PG, PG) (13)
Power Good Output Low Voltage
IPG or IPG = 1.6 mA
VPGL
—
—
0.5
V
Power Good Leakage Current
IPGLG
—
—
10
µA
Power Good Current Limit
VPG or VPG = 3.0 V
IPGCL
—
—
7.0
mA
Notes
12.
Referenced to VPWR.
13.
Referenced to VIN.
Table 3. Static Electrical Characteristics (continued)
Characteristics noted under conditions 15 V ≤ VPWR ≤ 80 V and -40°C ≤ TA ≤ 85°C. All voltages are referenced to VIN unless
otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com