Electronic Components Datasheet Search
  English  ▼

X  

34652 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # 34652
Description  2.0 A Negative Voltage Hot Swap Controller with Enhanced Programmability
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34652 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button 34652_07 Datasheet HTML 4Page - Freescale Semiconductor, Inc 34652_07 Datasheet HTML 5Page - Freescale Semiconductor, Inc 34652_07 Datasheet HTML 6Page - Freescale Semiconductor, Inc 34652_07 Datasheet HTML 7Page - Freescale Semiconductor, Inc 34652_07 Datasheet HTML 8Page - Freescale Semiconductor, Inc 34652_07 Datasheet HTML 9Page - Freescale Semiconductor, Inc 34652_07 Datasheet HTML 10Page - Freescale Semiconductor, Inc 34652_07 Datasheet HTML 11Page - Freescale Semiconductor, Inc 34652_07 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
Analog Integrated Circuit Device Data
8
Freescale Semiconductor
34652
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
START-UP AND RETRY DELAY TIMER (TIMER)
TIMER Pin Voltage
VTIMER
—
1.3
—
V
OUTPUT VOLTAGE PIN (VOUT)
VOUT Leakage Current
IOUTLG
—
—
50
µA
POWER MOSFET
ON Resistance @ 25
°C
RDS(ON)
—
144
—
m
Ω
THERMAL SHUTDOWN
Thermal Shutdown Temperature
TSD
—
160
—
°C
Thermal Shutdown Temperature Hysteresis
TSDHY
—
25
—
°C
Table 3. Static Electrical Characteristics (continued)
Characteristics noted under conditions 15 V ≤ VPWR ≤ 80 V and -40°C ≤ TA ≤ 85°C. All voltages are referenced to VIN unless
otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com