Electronic Components Datasheet Search
  English  ▼

X  

34652 Datasheet(PDF) 17 Page - Freescale Semiconductor, Inc

Part # 34652
Description  2.0 A Negative Voltage Hot Swap Controller with Enhanced Programmability
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34652 Datasheet(HTML) 17 Page - Freescale Semiconductor, Inc

Back Button 34652_07 Datasheet HTML 13Page - Freescale Semiconductor, Inc 34652_07 Datasheet HTML 14Page - Freescale Semiconductor, Inc 34652_07 Datasheet HTML 15Page - Freescale Semiconductor, Inc 34652_07 Datasheet HTML 16Page - Freescale Semiconductor, Inc 34652_07 Datasheet HTML 17Page - Freescale Semiconductor, Inc 34652_07 Datasheet HTML 18Page - Freescale Semiconductor, Inc 34652_07 Datasheet HTML 19Page - Freescale Semiconductor, Inc 34652_07 Datasheet HTML 20Page - Freescale Semiconductor, Inc 34652_07 Datasheet HTML 21Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
17
34652
FUNCTIONAL DEVICE OPERATION
PROTECTION FEATURES
The power dissipation in the device can be calculated as
follows:
P = I2(LOAD) * RDS(ON)
OR
P = [TJ(max) - TA(max)] / RθJA
Combining the two equations:
I2(LOAD) = [TJ(max) - TA(max)] / [RθJA * RDS(ON)] Eq 1
For example:
TA(max) = 55°C
RθJA = 51°C/W for a four-layer board
RDS(ON) = 0.251 Ω at high temperatures
Then:
I2(LOAD) = [TJ(max) - 55°C] / [51°C/W * 0.251 Ω]
I2(LOAD) = [TJ(max) - 55°C] / 12.80°C/A
2
So if the overcurrent limit is 2.0 A, then the maximum
junction temperature is 106.2°C, which is well below the
thermal shutdown temperature that is allowed.
The previous explanation applies to steady state power
when the device is in normal operation. During the charging
process, the power is dominated by the I* V across the Power
MOSFET. When charging starts, the power in the Power
MOSFET rises up and reaches a maximum value of I* V, then
quickly ramps back down to the steady state level in a period
governed by the size of the load’s input capacitor that is being
charged and by the value of the charging current limit ICHG.
In this case the instantaneous power dissipation is much
higher than the steady state case, but it is on for a very short
time.
For example:
ICHG = 100 mA, the default value
CLOAD = 400 µF, a very large capacitor
VPWR = 80 V, worst case
Then:
The power pulse magnitude = ICHG * VPWR = 8.0 W
The power pulse duration = CLOAD * VPWR/ICHG = 320 ms
Figure 17 displays the temperature profile of the device
under the instantaneous power pulse during the charging
process. Table 5 depicts thermal resistance values for
different board configurations.
Figure 17. Instantaneous Temperature Rise of an 8.0 W
0.0
10.0
20.0
30.0
40.0
50.0
60.0
0
100
200
300
400
Tim e (m illisec)
Time (ms)
Table 5. Thermal Resistance Data
Type
Condition
Symbol
Value
Unit
Junction to Ambient
Single-layer board (1s), per JEDEC JESD51-2 with board (JESD51-3) horizontal
RθJA
103
°C/W
Junction to Ambient
Four-layer board (2s2p), per JEDEC JESD51-2 with board (JESD51-3) horizontal
RθJMA
65
°C/W
Junction to Ambient
Single-layer board with a 300 mm2 radiator pad on its top surface, not standard JEDEC
—
69
°C/W
Junction to Ambient
Single-layer board with a 600 mm2 radiator pad on its top surface, not standard JEDEC
—
65
°C/W
Junction to Ambient
Four-layer board with a via for each thermal lead, not standard JEDEC
—
51
°C/W
Junction to Ambient
Four-layer board with a 300 mm2 radiator pad on its top surface and a full array of vias
between radiator pad and top surface, not standard JEDEC
—
47
°C/W
Junction to Ambient
Four-layer board with a 600 mm2 radiator pad on its top surface and a full array of vias
between radiator pad and top surface, not standard JEDEC
—
47
°C/W
Junction to Board
Thermal resistance between die and board per JEDEC JESD51-8
RθJB
29
°C/W
Junction to Case
Thermal resistance between die and case top
RθJC
33
°C/W
Junction to Package
Top
Temperature difference between package top and junction per JEDEC JESD51-2
Ψ
JT
12
°C/W
Junction to Lead
Thermal resistance between junction and thermal lead, not standard JEDEC
RθJL
33
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com