Electronic Components Datasheet Search
  English  ▼

X  

34701 Datasheet(PDF) 27 Page - Freescale Semiconductor, Inc

Part # 34701
Description  1.5 A Switch-Mode Power Supply with Linear Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34701 Datasheet(HTML) 27 Page - Freescale Semiconductor, Inc

Back Button 34701 Datasheet HTML 23Page - Freescale Semiconductor, Inc 34701 Datasheet HTML 24Page - Freescale Semiconductor, Inc 34701 Datasheet HTML 25Page - Freescale Semiconductor, Inc 34701 Datasheet HTML 26Page - Freescale Semiconductor, Inc 34701 Datasheet HTML 27Page - Freescale Semiconductor, Inc 34701 Datasheet HTML 28Page - Freescale Semiconductor, Inc 34701 Datasheet HTML 29Page - Freescale Semiconductor, Inc 34701 Datasheet HTML 30Page - Freescale Semiconductor, Inc 34701 Datasheet HTML 31Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 38 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
27
34701
FUNCTIONAL DEVICE OPERATION
OPERATIONAL MODES
DATA Definition
The DATA field in the single Data Transfer contains one or
several Command Bytes. The Command Byte identifies the
kind of operation required by the master to be performed and
has two fields, as illustrated in Figure 23:
1. Address field
2. Value field
The address field is selected from the list in Table 7.
Figure 23. Command Byte
Refer to Table 8, page 27, which summarizes the value
field definitions for the entire set of operation options.
Security in Writing Commands
To improve the security level, a so-called first command is
defined to initiate each write communications. The first
command identifies the operation, which is executed by the
following Command Byte.
A first command has the address field equal to the related
operation one, followed by a null value field (all zeros).
Table 9 summarizes first command definitions. The master
sends the first command before the Command Byte for the
intended operation.
VOLTAGE MARGINING OPERATION
After starting the communication in Writing mode, the
master sends the first command followed by the specific
Command Byte to set the required voltage margining for
either the LDO or the switcher (see Figure 24). To achieve a
simultaneous set for both LDO and switcher, two specific
commands must be issued in sequence after the first
command, one for each supply.
Table 7.
Address Field Definitions
Address Field
Operation
Write
001
Voltage Margining
W
011
Watchdog
W
Table 8.
Command Byte Definitions
Operation
Address
Value
Action
Voltage Margining
(As a 2nd
Command Byte)
00
100000
1st Command
00
1
x
0000
Output
Nominal
00
1
x
0001
+ 1.0%
00
1
x
0010
+ 2.0%
00
1
x
0011
+ 3.0%
00
1
x
0100
+ 4.0%
LDO Output: x=0
0
0
1
x
0101
+ 5.0%
Switcher Output
x=1
00
1
x
0110
+ 6.0%
00
1
x
0111
+ 7.0%
00
1
x
1000
- 1.0%
00
1
x
1001
- 2.0%
00
1
x
1010
- 3.0%
00
1
x
1011
- 4.0%
00
1
x
1100
- 5.0%
00
1
x
1101
- 6.0%
00
1
x
1110
- 7.0%
D6 D5 D4 D3
D1 D0
Address Field
Value Field
7
D7
D2
32
1
0
4
5
6
Bits
MSB
LSB
Watchdog
Programming
(As a 2nd
Command Byte)
01100000
1st Command
01100000
WD OFF
(24)
01101000
WD 1280 ms
Wind. OFF
01101001
WD 320 ms
Wind. OFF
01101010
WD 80 ms
Wind. OFF
01101011
WD 20 ms
Wind. OFF
01101100
WD 1280 ms
Wind. ON
01101101
WD 320 ms
Wind. ON
01101110
WD 80 ms
Wind. ON
01101111
WD 20 ms
Wind. ON
Notes
24.
The Watchdog timer is turned ON automatically after
receiving any other valid command byte changing watchdog
time.
Table 9.
First Command Definitions
First Command
Operation
001 00000
Voltage Margining
011 00000
Watchdog Programming
Table 8.
Command Byte Definitions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com