Electronic Components Datasheet Search
  English  ▼

X  

34701 Datasheet(PDF) 31 Page - Freescale Semiconductor, Inc

Part # 34701
Description  1.5 A Switch-Mode Power Supply with Linear Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34701 Datasheet(HTML) 31 Page - Freescale Semiconductor, Inc

Back Button 34701 Datasheet HTML 27Page - Freescale Semiconductor, Inc 34701 Datasheet HTML 28Page - Freescale Semiconductor, Inc 34701 Datasheet HTML 29Page - Freescale Semiconductor, Inc 34701 Datasheet HTML 30Page - Freescale Semiconductor, Inc 34701 Datasheet HTML 31Page - Freescale Semiconductor, Inc 34701 Datasheet HTML 32Page - Freescale Semiconductor, Inc 34701 Datasheet HTML 33Page - Freescale Semiconductor, Inc 34701 Datasheet HTML 34Page - Freescale Semiconductor, Inc 34701 Datasheet HTML 35Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 38 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
31
34701
TYPICAL APPLICATIONS
.
Figure 30. Buck Control Loop Bode Plot
The frequency of the zero created by the ESR of the output
capacitor CO is calculated as:
Where CO is the value of the buck regulator output
capacitor, and ESR is the equivalent series resistance of the
output capacitor.
The frequency of the compensating network pole can be
calculated as follows:
The well designed and compensated buck regulator
should yield at least 45 deg. phase margin
Φm of its overall
loop as depicted in the Figure 30, page 31.
Selecting Buck Regulator Output Voltage
The 34701 buck regulator output voltage can be set by
selecting the right value of the resistors R1, R2 and R4, and
can be determined from the following formula (see Figure 29,
page 30 for the component references):
Where VRef is the buck regulator reference voltage
(VRef = 0.8 V typ.) at the INV pin,
VO is the selected output voltage,
IO is the output load current,
RL is the DC resistance of the inductor L.
It is apparent that the buck regulator output voltage is
affected by the voltage drop caused by the inductor serial
resistance and the regulator output current. In those
applications which do not require precise output voltage,
setting the formula for calculating selected output voltage can
be simplified as follows:
Linear Regulator Output Voltage
The output voltage of the linear regulator (LDO) can be set
by a simple resistor divider according to the following formula:
Where VRef is the linear regulator reference voltage
(VRef = 0.8 V typ.) at the LFB pin,
VLDO is the LDO selected output voltage,
RU is the “upper” resistor of the LDO resistor divider,
RL is the “lower” resistor of the LDO resistor divider.
Figure 31 describes the 34701 linear regulator circuit with
the resistor divider RU, RL setting the output voltage VLDO.
Figure 31. 34701Linear Regulator Circuit
Φm
0
-20
20
-40
-2 70
-3 60
-180
10
100
10 00
1.0
Frequency [k Hz ]
Gain
[dB]
fLC
fz(c)
f BW
fz(E SR) fp(FF)
fp(c)
10000
Pha se
[Deg.]
f
zESR
()
1
2
πC
OESR
--------------------------
=
f
pc
()
1
2
πC2 R1R3
R1
R3
+
()
-------------------------
----------------------------------------
=
R2
V
Ref
1
V
O
I
O
R
L
×
+
() V
Ref
–
R4
--------------------------------------------------------
V
O
V
Ref
–
R1
-------------------------
+
-----------------------------------------------------------------------------------------
×
=
R2
V
Ref
1
V
O
V
Ref
–
()
R1
R4
+
()
R1
R4
×
-------------------------
×
---------------------------------------------------------------
×
=
V
LDO
V
Ref
1
R
U
R
L
-------
+
⎝⎠
⎛⎞
×
=
LDRV
LDO
LFB
CS
MC34701
2.8 V to 6.0 V Input
VIN1
RS
RU
RL
CLDO
VLDO
LCMP
LDO
Compensat ion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com