Electronic Components Datasheet Search
  English  ▼

X  

34701 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # 34701
Description  1.5 A Switch-Mode Power Supply with Linear Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34701 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button 34701 Datasheet HTML 4Page - Freescale Semiconductor, Inc 34701 Datasheet HTML 5Page - Freescale Semiconductor, Inc 34701 Datasheet HTML 6Page - Freescale Semiconductor, Inc 34701 Datasheet HTML 7Page - Freescale Semiconductor, Inc 34701 Datasheet HTML 8Page - Freescale Semiconductor, Inc 34701 Datasheet HTML 9Page - Freescale Semiconductor, Inc 34701 Datasheet HTML 10Page - Freescale Semiconductor, Inc 34701 Datasheet HTML 11Page - Freescale Semiconductor, Inc 34701 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
Analog Integrated Circuit Device Data
8
Freescale Semiconductor
34701
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
BUCK CONVERTER (CONTINUED)
High-Side Power MOSFET Q1 RDS(ON) (9), (10)
ID = 500 mA, TA = 25°C, VBST = 8.0 V
RDS(ON)Q1
–60
–
m
Ω
Low-Side Power MOSFET Q2 RDS(ON) (9), (10)
ID = 500 mA, TA = 25°C, VBST = 8.0 V
RDS(ON)Q2
–65
–
m
Ω
Buck Converter Peak Current Limit (High Level)
ILIMH
-4.0
-2.7
-1.5
A
VOUT Pulldown MOSFET Q3 Current Limit
TA = 25°C, VBST = 8.0 V
ILIMPQ3
0.75
–
2.0
A
VOUT Pull-down MOSFET Q3 RDS(ON)
(10)
ID = 1.0 A, VBST = 8.0 V
RDS(ON)PQ3
––
1.9
Ω
Thermal Shutdown (VOUT Pull-down MOSFET Q3) (9)
TSD
150
170
190
°C
Thermal Shutdown Hysteresis (9)
THYS
–10
–
°C
Notes
9.
Design information only. This parameter is not production tested.
10.
ID is the MOSFET drain current.
Table 3. Static Electrical Characteristics (continued)
Characteristics noted under conditions -40°C ≤ TA ≤ 85°C unless otherwise noted. Input voltages VIN1 = VIN2 = 3.3 V using
the typical application circuit (see Figure 33) unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com