Electronic Components Datasheet Search
  English  ▼

X  

34701 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # 34701
Description  1.5 A Switch-Mode Power Supply with Linear Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34701 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  34701 Datasheet HTML 1Page - Freescale Semiconductor, Inc 34701 Datasheet HTML 2Page - Freescale Semiconductor, Inc 34701 Datasheet HTML 3Page - Freescale Semiconductor, Inc 34701 Datasheet HTML 4Page - Freescale Semiconductor, Inc 34701 Datasheet HTML 5Page - Freescale Semiconductor, Inc 34701 Datasheet HTML 6Page - Freescale Semiconductor, Inc 34701 Datasheet HTML 7Page - Freescale Semiconductor, Inc 34701 Datasheet HTML 8Page - Freescale Semiconductor, Inc 34701 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
5
34701
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
Table 2.
Maximum Ratings
All voltages are with respect to ground unless otherwise noted. Exceeding these ratings may cause a malfunction or permanent
damage to the device.
Rating
Symbol
Value
Unit
ELECTRICAL RATINGS
Supply Voltage
VIN1, VIN2
-0.3 to 7.0
V
Switching Node Voltage
VSW
-1.0 to 7.0
V
Buck Regulator Bootstrap Input Voltage (BOOT - SW)
VIN(BOOT)
-0.3 to 8.5
V
Boost Regulator Output Voltage
VBST
-0.3 to 8.5
V
Boost Regulator Drain Voltage
VBD
-0.3 to 9.5
V
RST
Drain Voltage
VRST
-0.3 to 7.0
V
Enable Pin Voltage at EN1, EN2
VEN
-0.3 to 7.0
V
Logic Pin Voltage at SDA, SCL
VLOG
-0.3 to 7.0
V
Analog Pin Voltage
LDO, VOUT, RST
LDRV, LCMP, CS
VOUT
VLIN
-0.3 to 7.0
-0.3 to 8.5
V
Pin Voltage at CLKSEL, ADDR, RT, FREQ, VDDI, CLKSYN, INV, LFB
VLOGIC
-0.3 to 3.6
V
ESD Voltage (1)
Human Body Model
Machine Model
VESD
±2000
±200
V
Notes
1.
ESD1 testing is performed in accordance with the Human Body Model (C
ZAP=100 pF, RZAP=1500 Ω), ESD2 testing is performed in
accordance with the Machine Model (C
ZAP=200 pF, RZAP=0 Ω), and the Charge Device Model.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com