Electronic Components Datasheet Search
  English  ▼

X  

PS1000 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # PS1000
Description  PM1000 Wattmeter - Power Analyzer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PS1000 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  PS1000 Datasheet HTML 1Page - List of Unclassifed Manufacturers PS1000 Datasheet HTML 2Page - List of Unclassifed Manufacturers PS1000 Datasheet HTML 3Page - List of Unclassifed Manufacturers PS1000 Datasheet HTML 4Page - List of Unclassifed Manufacturers PS1000 Datasheet HTML 5Page - List of Unclassifed Manufacturers PS1000 Datasheet HTML 6Page - List of Unclassifed Manufacturers PS1000 Datasheet HTML 7Page - List of Unclassifed Manufacturers PS1000 Datasheet HTML 8Page - List of Unclassifed Manufacturers PS1000 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Measurement Functions
Direct Input Ratings
External Shunt Input
Ideal for current transducers with a
voltage output as well as resistive
shunts
600Vrms. 900Vpk
20Arms, 100Apk
4 Parameter Measure Mode
14 Parameter Measure Mode
Measurement Selection
Volts
0 to 600V RMS, ±900V Peak
Current
0 to 20A RMS, ±100A Peak
Power (Watts)
0 to 90kW
Apparent Power
0 to 90kVA
Reactive Power
0 to 90kVAr
Frequency
DC, 10Hz to 1MHz
Power Factor
-1.000 to +1.000
Crest Factor
1 to 20
Ballast Input
Ballast Output
50 / 60 / 400Hz
Up to 500kHz
Harmonics
0 to 50 Voltage and Current
THD
0 to 999%
Energy Whr
Programmable Timer
Inrush Current
Up to 100A peak
Low Power Standby
1 to 600 second window
Impedance
5mΩ to 1MΩ
basic Voltage Accuracy ±0.05% reading ±0.05% range.
Bright 320 X 240
color display
Easy-to-use
menu keys
On-board help
and character entry



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com