Electronic Components Datasheet Search
  English  ▼

X  

PS1000 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # PS1000
Description  PM1000 Wattmeter - Power Analyzer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PS1000 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button PS1000 Datasheet HTML 2Page - List of Unclassifed Manufacturers PS1000 Datasheet HTML 3Page - List of Unclassifed Manufacturers PS1000 Datasheet HTML 4Page - List of Unclassifed Manufacturers PS1000 Datasheet HTML 5Page - List of Unclassifed Manufacturers PS1000 Datasheet HTML 6Page - List of Unclassifed Manufacturers PS1000 Datasheet HTML 7Page - List of Unclassifed Manufacturers PS1000 Datasheet HTML 8Page - List of Unclassifed Manufacturers PS1000 Datasheet HTML 9Page - List of Unclassifed Manufacturers PS1000 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
The power consumption of everyday home and office
electrical appliances is of importance to consumers
and generators of electricity alike.
When the power consumption varies over time, then integration of the power (W-hr integration) is required.
The PM1000+ provides comprehensive integration features suitable for ENERGY STAR measurements and
for low-power measurements in accordance with international directives such as IEC 62301.
• Measures:
W-h, VA-h, VAr-h, A-h.
• Graph display:
W, W-h, VA, VA-h, VAr, VAr-h,
A, A-h, V vs hours.
Modes of Operation - Applications
Energy Consumption
Voltech Ballast Current
Transformer
• Simplifies connections
• Isolates common-mode switching voltages
• 5mA to 1A RMS in 2 ranges
• 5kHz to 1MHz bandwidth
Lighting ballasts
• 1MHz bandwidth for high-frequency ballasts
• Accurate (2% at 100kHz) and with excellent common-mode
rejection for lamp measurements.
• THD and Harmonics measurements as standard.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com