Electronic Components Datasheet Search
  English  ▼

X  

PS1000 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # PS1000
Description  PM1000 Wattmeter - Power Analyzer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PS1000 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button PS1000 Datasheet HTML 4Page - List of Unclassifed Manufacturers PS1000 Datasheet HTML 5Page - List of Unclassifed Manufacturers PS1000 Datasheet HTML 6Page - List of Unclassifed Manufacturers PS1000 Datasheet HTML 7Page - List of Unclassifed Manufacturers PS1000 Datasheet HTML 8Page - List of Unclassifed Manufacturers PS1000 Datasheet HTML 9Page - List of Unclassifed Manufacturers PS1000 Datasheet HTML 10Page - List of Unclassifed Manufacturers PS1000 Datasheet HTML 11Page - List of Unclassifed Manufacturers PS1000 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Ideal for measurements on power supplies, from
wall chargers to UPS and high-power converters,
the PM1000+ makes accurate measurements on
all waveforms including those heavily distorted by
the rectification and smoothing at power supply
inputs.
Measurements
W
Input and Output power
Vrms
Line regulation, drop-out
voltage, testing power fail
circuits
Arms
Conductor and fuse rating
VA
Apparent power for supply
rating
Apk MAX Inrush Current
Verification of inrush
limiting circuit design
Qualified fuse rating
PF
Power Factor (W/ VA) for
verification of power factor
control circuits
A harm
Amps harmonics for testing
to harmonic standards
A THD
Distortion of input current
V THD
Distortion of supply or
AC output
Integrator Low-power standby
measurements
STANDBY Unique mode for
measuring low power
61000-3-2 Harmonics (pre-compliance)
61000-3-3 Flicker (pre-compliance)
Modes of Operation - Applications
Power Supplies
Datalogging with Free PC Software



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com