Electronic Components Datasheet Search
  English  ▼

X  

PS1000 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # PS1000
Description  PM1000 Wattmeter - Power Analyzer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PS1000 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button PS1000 Datasheet HTML 4Page - List of Unclassifed Manufacturers PS1000 Datasheet HTML 5Page - List of Unclassifed Manufacturers PS1000 Datasheet HTML 6Page - List of Unclassifed Manufacturers PS1000 Datasheet HTML 7Page - List of Unclassifed Manufacturers PS1000 Datasheet HTML 8Page - List of Unclassifed Manufacturers PS1000 Datasheet HTML 9Page - List of Unclassifed Manufacturers PS1000 Datasheet HTML 10Page - List of Unclassifed Manufacturers PS1000 Datasheet HTML 11Page - List of Unclassifed Manufacturers PS1000 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Specification
VOLTAGE
Ranges
900, 215, 46, 10 Vpk
Frequency range
10Hz to 1MHz
Maximum input
Continuous
600V rms, 1500 Vpk (over voltage), 600V dc
Maximum input
Peak < 1 second
5000 Vpk (over voltage)
Input Impedance
1 MΩ
Display
4.5 Digits
Crest Factor
20 (Peak/RMS)
RMS 45-65Hz,
95-265V, VTHD <5%
Accuracy
0.05% of rdg + 0.05% of range
RMS (General)
Accuracy
0.1% of rdg + 0.1% of range + 4mV + (0.02 * F)% of rdg
DC
Accuracy
0.1% of rdg + 0.4% of range + 5mV
VOLTAGE +/- PEAK
Accuracy
0.5% of rdg + 0.5% of range + (0.02 * F)% of rdg
CURRENT
Range
100, 25, 6.25, 1.6, 0.4, 0.1 Apk
Frequency range
10Hz to 1MHz
Maximum input
Continuous
20Arms
Maximum input
Peak < 1 second
60Arms (over current)
Input resistance
12.5 mΩ
Crest Factor
20 (Peak/RMS)
RMS 45-65Hz, 95-265V
Accuracy
0.1% of rdg + 0.1% of range
RMS 45-65Hz, 95-265V (Ext. Shunt) Accuracy
0.1% of rdg + 0.1% of range + 20uV / Zext
RMS (General)
Accuracy
0.1% of rdg + 0.1% of range + 1mA + (0.02 * F)% of rdg
DC
Accuracy
0.1% of rdg + 0.4% of range + 1mA
CURRENT +/- PEAK
Accuracy
0.5% of rdg + 0.5% of range + (0.02 * F)% of rdg
WATTS
Range
1W to 90kW
Frequency range
10Hz to 1MHz
45-65Hz
Accuracy
[{(Verror/Vreading) + (Aerror / Areading)} * Wreading] +
(0.1/PF)% of Wreading
Accuracy
0.2% rdg + 0.1% range + 4mW + ((0.05/PF) * F)% of rdg
VA
RANGES
1VA to 90kVA
Frequency range
10Hz to 1MHz
Accuracy
0.2% rdg + 0.1 % of range +4mVA + (0.05 * F)% of rdg
VAr
Range
1VAr to 90kVAr
Frequency range
10Hz to 1MHz
Accuracy
0.2% rdg + 0.1% range + 4mVAr + ((0.05/1-PF) * F)% of rdg
POWER FACTOR
Range
-1.000 to +1.000
Accuracy
+/-0.002 +/- ((0.001/PF) * F)
FREQUENCY
Range
DC and 10Hz to 1MHz
Accuracy
0.1%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com