Electronic Components Datasheet Search
  English  ▼

X  

ASC7512 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # ASC7512
Description  DIGITAL TEMPERATURE SENSOR WITH INTEGRATED FAN CONTROL
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ASC7512 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  ASC7512 Datasheet HTML 1Page - List of Unclassifed Manufacturers ASC7512 Datasheet HTML 2Page - List of Unclassifed Manufacturers ASC7512 Datasheet HTML 3Page - List of Unclassifed Manufacturers ASC7512 Datasheet HTML 4Page - List of Unclassifed Manufacturers ASC7512 Datasheet HTML 5Page - List of Unclassifed Manufacturers ASC7512 Datasheet HTML 6Page - List of Unclassifed Manufacturers ASC7512 Datasheet HTML 7Page - List of Unclassifed Manufacturers ASC7512 Datasheet HTML 8Page - List of Unclassifed Manufacturers ASC7512 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
- 3 -
© Andigilog, Inc. 2006
www.andigilog.com
August 2006 - 70A05003
aSC7512
Absolute Maximum Ratings
1
Parameter
Rating
Supply Voltage, VDD
-0.5V to 6.0V
Voltage on Any Digital Input or
Output Pin
-0.5V to 6.0V
Voltage on Remote +
-0.5V to (VDD +
0.50V)
Current on Remote -
±1mA
Input Current on Any Pin
2
±5mA
Package Input Current
2
±20mA
Package Dissipation at TA = 25°C
See (Note 3)
Storage Temperature
-65
°C to +150°C
Human Body Model
2500 V
ESD
4
Machine Model
250 V
Operating Ratings
1
Parameter
Rating
aSC7512 Operating
Temperature Range
-40
°C ≤ TA ≤ +125°C
Remote Diode Temperature
Range
-55
°C ≤ TD ≤ +125°C
Supply Voltage (3.3V
nominal)
+3.0V to +3.6V
All Other Inputs
-0.05V to VDD + 0.05V
Typical Supply Current
TBDmA
Notes:
1. Absolute maximum ratings are limits beyond which
operation may cause permanent damage to the device.
These are stress ratings only; functional operation at or
above these limits is not implied.
2. When the input voltage (VIN) at any pin exceeds the
power supplies (VIN < GND or VIN > VDD), the current at
that pin should be limited to 5mA. The 20mA maximum
package input current rating limits the number of pins
that can safely exceed the power supplies with an input
current of 5mA to four. Parasitic components and/or
ESD protection circuitry are present on the aSC7512
pins. Care should be taken not to forward bias the
parasitic diode present on pins D+ and D-. Doing so by
more than 50mV may corrupt temperature
measurements.
3. Thermal resistance junction-to-ambient when attached to
a double-sided printed circuit board with 1oz. foil is
TBD
°C/W
4. Human Body Model: 100pF capacitor discharged
through a 1.5k
Ω resistor into each pin. Machine Model:
200pF capacitor discharged directly into each pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com