Electronic Components Datasheet Search
  English  ▼

X  

ASC7512 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ASC7512
Description  DIGITAL TEMPERATURE SENSOR WITH INTEGRATED FAN CONTROL
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ASC7512 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ASC7512 Datasheet HTML 1Page - List of Unclassifed Manufacturers ASC7512 Datasheet HTML 2Page - List of Unclassifed Manufacturers ASC7512 Datasheet HTML 3Page - List of Unclassifed Manufacturers ASC7512 Datasheet HTML 4Page - List of Unclassifed Manufacturers ASC7512 Datasheet HTML 5Page - List of Unclassifed Manufacturers ASC7512 Datasheet HTML 6Page - List of Unclassifed Manufacturers ASC7512 Datasheet HTML 7Page - List of Unclassifed Manufacturers ASC7512 Datasheet HTML 8Page - List of Unclassifed Manufacturers ASC7512 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
Fully Released Specification
- 1 -
© Andigilog, Inc. 2006
www.andigilog.com
August 2006 - 70A05003
DIGITAL TEMPERATURE SENSOR
WITH INTEGRATED FAN CONTROL
aSC7512
PRODUCT SPECIFICATION
Product Description
The aSC7512 has a two wire digital interface compatible
with SMBus 2.0. Using a 10-bit ΣΔ- ADC, the aSC7512
measures the temperature of a remote diode connected
transistor as well as its own die.
Using temperature information from these two zones, an
automatic fan speed control algorithm is employed to
minimize acoustic impact while achieving recommended
CPU temperature under varying operational loads.
To set fan speed, the aSC7512 has a pulse width
modulation (PWM) output that is controlled by one of two
temperature zones. Both high- and low-frequency PWM
ranges are supported. The aSC7512 also includes a digital
filter that can be invoked to smooth temperature readings
for better control of fan speed and minimum acoustic
impact. The aSC7512 has a tachometer input to measure
fan speed or alternatively, an alert pin that may be
triggered by exceeding a temperature limit setting. Limit
and status registers for all measured values are included to
alert the system host that any measurements are outside of
programmed limits.
Features
•
2-wire, SMBus 2.0 compliant, serial digital
interface
•
10-bit ΣΔ-ADC
•
Monitors internal and remote thermal diodes
•
Programmable autonomous fan control based on
temperature readings
•
Noise filtering of temperature reading for fan
control
•
0.25
°C digital temperature sensor resolution
•
PWM fan speed control output for 2-, 3- or 4-wire
fans.
•
Provides high and low PWM frequency ranges
•
Fan tachometer input or ALERT output
•
8-lead MSOP or SOIC package
Measurement System
Temperature:
•
0.25°C resolution, ±1°C accuracy on remote diode
•
0.25°C resolution, ±3°C accuracy on local sensor
•
Extended temperature measurement range on
remote sensor –55°C to +125°C using or 2’s
complement coding.
Fan Tachometer:
•
16-bit count of 90KHz clock periods
Limit alarms for all measured values
Applications
•
Desktop Computers – Motherboards and Graphics
Cards
•
Laptop Computers
•
Microprocessor based equipment (e.g. Base-
stations, Routers, ATMs, Point of Sales)
Connection Diagram
Ordering Information
Part Number
Package
Temperature Range
and Operating Voltage
Marking
How Supplied
aSC7512D8
8-lead SOIC
-40°C to +125°C, 3.3V
aSC7512
Ayww
2500 units Tape & Reel
aSC7512M8
8-lead MSOP
-40°C to +125°C, 3.3V
7512
Ayww
2500 units Tape & Reel
Ayww – Assembly site, year, workweek
1
2
3
4
5
6
7
8
GND
SMBCLK
SMBDAT
VDD
D+
aSC7512
D-
PWM
TACH /
ALERT


Similar Part No. - ASC7512

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ASC7511 ETC2-ASC7511 Datasheet
434Kb / 19P
LOW- OLTAGE 2-WIRE DIGITAL TEMPERATURE SENSOR
ASC7511D8 ETC2-ASC7511D8 Datasheet
434Kb / 19P
LOW- OLTAGE 2-WIRE DIGITAL TEMPERATURE SENSOR
ASC7511M8 ETC2-ASC7511M8 Datasheet
434Kb / 19P
LOW- OLTAGE 2-WIRE DIGITAL TEMPERATURE SENSOR
More results

Similar Description - ASC7512

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM63 NSC-LM63 Datasheet
339Kb / 28P
짹1C/짹3C Accurate Remote Diode Digital Temperature Sensor with Integrated Fan Control
logo
List of Unclassifed Man...
ASC7611 ETC2-ASC7611 Datasheet
508Kb / 40P
HARDWARE MONITOR WITH INTEGRATED FAN CONTROL
logo
National Semiconductor ...
LM96163 NSC-LM96163 Datasheet
780Kb / 42P
Remote Diode Digital Temperature Sensor with Integrated Fan Control and TruTherm짰 BJT Transistor Beta Fan Control and TruTherm짰 BJT Transistor Beta
logo
Feature Integration Tec...
F75363 FINTEK-F75363 Datasheet
773Kb / 25P
짹1oC Accuracy Temperature Sensor IC with Fan Speed Control
F75386M FINTEK-F75386M Datasheet
878Kb / 28P
Dual 짹1oC Accuracy Temperature Sensor IC with Fan Speed Control
logo
Texas Instruments
LM96063 TI1-LM96063 Datasheet
495Kb / 44P
LM96063 Remote Diode Digital Temperature Sensor with Integrated Fan Control
LM63 TI-LM63 Datasheet
1Mb / 41P
The LM63 is a remote diode temperature sensor with integrated fan control.
logo
Microchip Technology
TC652AGVUA MICROCHIP-TC652AGVUA Datasheet
450Kb / 14P
Integrated Temperature Sensor & Brushless DC Fan Controller
04/20/02
TC652AEVUATR MICROCHIP-TC652AEVUATR Datasheet
431Kb / 14P
Integrated Temperature Sensor & Brushless DC Fan
04/20/02
logo
Texas Instruments
LM96063 TI1-LM96063_14 Datasheet
1Mb / 46P
Remote Diode Digital Temperature Sensor with Integrated Fan Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com