Electronic Components Datasheet Search
  English  ▼

X  

ASC7512 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # ASC7512
Description  DIGITAL TEMPERATURE SENSOR WITH INTEGRATED FAN CONTROL
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ASC7512 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button ASC7512 Datasheet HTML 2Page - List of Unclassifed Manufacturers ASC7512 Datasheet HTML 3Page - List of Unclassifed Manufacturers ASC7512 Datasheet HTML 4Page - List of Unclassifed Manufacturers ASC7512 Datasheet HTML 5Page - List of Unclassifed Manufacturers ASC7512 Datasheet HTML 6Page - List of Unclassifed Manufacturers ASC7512 Datasheet HTML 7Page - List of Unclassifed Manufacturers ASC7512 Datasheet HTML 8Page - List of Unclassifed Manufacturers ASC7512 Datasheet HTML 9Page - List of Unclassifed Manufacturers ASC7512 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
- 6 -
© Andigilog, Inc. 2006
www.andigilog.com
August 2006 - 70A05003
aSC7512
Serial Port Timing
(TA = 25 °C, VDD = 3.3V unless otherwise noted, Guaranteed by design, not production tested)
Parameter
Symbol
Min
Typ
Max
Units
SCL Operating Frequency
fSCL
400
kHz
SCL Clock Transition Time
tT:LH , tT:HL
300
ns
SCL Clock Low Period
tLOW
1.3
μs
SCL Clock High Period
tHIGH
0.6
50
μs
Bus free time between a Stop and a new Start Condition
tBUF
1.3
μs
Data in Set-Up to SCL High
tSU:DAT
100
ns
Data Out Stable after SCL Low
tHD:DAT
300
ns
SCL Low Set-up to SDA Low (Repeated Start Condition)
tSU:STA
600
ns
SCL High Hold after SDA Low (Start Condition)
tHD:STA
600
ns
SDA High after SCL High (Stop Condition)
tSU:STO
600
ns
Time in which aSC7512 must be operational after a power-on reset
tPOR
500
ms
5. These specifications are guaranteed only for the test conditions listed.
6. The accuracy of the aSC7512 is guaranteed when using the thermal diode of a processor or any thermal diode with a non-ideality
of 1.008 and internal series resistance of 3.52Ω. When using a 2N3904 type transistor as a thermal diode the error band will be
typically shifted depending on transistor characteristics.
7. Accuracy (expressed in °C) = Difference between the aSC7512 reported output temperature and the temperature being
measured. Local temperature accuracy does not include the effects of self-heating. The rise in temperature due to self-heating is
the product of the internal power dissipation of the aSC7512 and the thermal resistance. See (Note 3) for the thermal resistance
to be used in the self-heating calculation.
8. Holding the SMBDAT and/or SMBCLK lines Low for a time interval greater than
tTIMEOUT will reset the aSC7512’s SMBus state
machine, therefore setting the SMBDAT pin to a high impedance state.
tHD:STA
tSU:STO
tSU:DAT
SCL
SDA
tBUF
tSU:STA
tHD:DAT
SCL
SDA
Data Out
10
10
90
tT:LH
tT:HL
tLOW
tHIGH
90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com