Electronic Components Datasheet Search
  English  ▼

X  

SA1630 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # SA1630
Description  IF quadrature transceiver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA1630 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button SA1630 Datasheet HTML 5Page - NXP Semiconductors SA1630 Datasheet HTML 6Page - NXP Semiconductors SA1630 Datasheet HTML 7Page - NXP Semiconductors SA1630 Datasheet HTML 8Page - NXP Semiconductors SA1630 Datasheet HTML 9Page - NXP Semiconductors SA1630 Datasheet HTML 10Page - NXP Semiconductors SA1630 Datasheet HTML 11Page - NXP Semiconductors SA1630 Datasheet HTML 12Page - NXP Semiconductors SA1630 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
Philips Semiconductors
Product specification
SA1630
IF quadrature transceiver
1998 Jul 21
9
AC ELECTRICAL CHARACTERISTICS IF RECEIVER DEMODULATOR
(Mode #4, Rx_ON, Tx_OFF) VCCXXX = +3V = GNDXXX = 0V; LO IN = 100 mVpeak at 704 MHz, CLKIN = 100mVpeak, at 22 MHz, Ta = 25°C,
unless otherwise stated.
SYMBOL
PARAMETER
TEST CONDITION
LIMITS
UNITS
SYMBOL
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNITS
RInRx
Differential input impedance
fIN = 352 MHz
6.6K||0.7
k
Ω||pF
VG
Voltage gain
AGC at maximum gain
81
88
dB
NF
Input noise figure1
VGA at maximum gain
7.5
dB
AGC range
67
70
dB
AGC step size
2
dB
AGC differential error
2
dB
AGC settling time
any AGC step
200
nS
Channel matching
gain
phase
0.1
0.25
dB
deg
Output DC offset between IRx Out and
QRx Out
Maximum Gain, Output at 1 MHz
6
mV
OVS
Output voltage swing
AGC GMIN, into load2
0.9
1.15
Vp–p
OVS
Output voltage swing
AGC Gain, except GMIN
1.0
1.4
Output common mode voltage
1.9
V
Output impedance
7
Ω
THD3
Total Harmonic Distortion
Max. Gain, rated output at 1 MHz
3
%
BW5
Rx Bandwidth
7
8.5
10
MHz
tON4
Turn–on time
RX_ON, TX_ON transition to
baseband signal out
2
µs
tOFF4
Turn–off time
RX_ON, TX_ON transition to no
baseband signal out
2
µs
NOTES:
1. The Receive input is to be differential (using a balun or a differential source such as a differential SAW filter) and matched to external
generator’s impedance (ex: 50 ohms). The balun may or may not provide any impedance transformation depending on availability. An
external L–C matching circuit can provide the rest of the impedance transformation and absorb the input capacitance of the receiver input.
Such a differential input scheme is mandatory to avoid pickup, and keep the noise figure low. A shunt resistor across the input (value TBD)
will be used to set the input impedance as a compromise between the matching ease in production versus the noise figure of the receiver.
The system board layout has to keep the isolation between the receive inputs and the LO signal as high as possible. Otherwise the LO
leakage will overload the receiver.
2. The load is 1000 ohms in parallel with 15pF of capacitor.
3. THD is total harmonic distortion. We measure harmonics 2, 3, 4.
4. Guaranteed by design.
5. 3dB bandwidth relative to a passband measurement taken at 1MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com