Electronic Components Datasheet Search
  English  ▼

X  

SA1630 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # SA1630
Description  IF quadrature transceiver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA1630 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button SA1630 Datasheet HTML 9Page - NXP Semiconductors SA1630 Datasheet HTML 10Page - NXP Semiconductors SA1630 Datasheet HTML 11Page - NXP Semiconductors SA1630 Datasheet HTML 12Page - NXP Semiconductors SA1630 Datasheet HTML 13Page - NXP Semiconductors SA1630 Datasheet HTML 14Page - NXP Semiconductors SA1630 Datasheet HTML 15Page - NXP Semiconductors SA1630 Datasheet HTML 16Page - NXP Semiconductors SA1630 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
Philips Semiconductors
Product specification
SA1630
IF quadrature transceiver
1998 Jul 21
13
Table 2. Definition of SA1630 Serial Registers
First data word: (shown with default values)
Address SA1630
Sub
Adr
N-Divider
Reference
Divider
Charge-Pump
Test
MSB
LSB
a0
a1
a2
a3
sa
n0
n1
n2
n3
n4
n5
n6
n7
n8
r0
r1
c0
c1
c2
x0
x1
1
1
1
0
0
1
0
1
1
0
0
0
0
0
1
0
1
1
1
0
0
Address:
4 bits, a0...a3, fixed to 1110
Sub:Address:
1 bit, sa, fixed to 0 for first data word
N-Divider:
9 bits, n0...n8, values 64 (00100 0000) to 511 (11111 1111) allowed for IF choice, default 352 (assuming LO
input frequency is 704 MHz).
Reference Divider Register:
2 bits, r0...r1, 00 = /8, 01 = 11, 10 = /22, 11 = /44. Default: 10
Charge-Pump Register:
3 bits, c0...c2, Binary setting factor for charge pumps, values 000 = minimum current to 111 = maximum
current, default is maximum charge pump current (111)
Test Register:
2 bits, x0...x1, default 00, see functional description for details
Second data word: (shown with default values)
Address SA1630
Sub
Adr
LLL Mode
Control
I Offset Register
Q Offset
Register
VGA Gain Control
Misc
Control
bits
MSB
LSB
a0
a1
a2
a3
sa
s0
s1
i0
i1
i2
q0
q1
q2
b0
b1
b2
b3
b4
b5
bc
vc
1
1
1
0
1
0
0
0
0
0
0
0
0
1
1
1
1
1
1
0
1
Address:
4 bits, a0...a3, fixed to 1110
Sub:Address:
1 bit, sa, fixed to 1 for second data word
LLL Mode control:
2 bits, s0, s1 Not used, always set to 0, 0
I Offset Register:
3 bits, i0...i2 .10 Not used, always set to 0, 0, 0
Q Offset Register:
3 bits, q0...q2. q0. Currently not being used, always set to 0, 0, 0
VGA Gain Control
6 bits, b0...b5. 000 000 corresponds to maximum gain and 111 111 to minimum gain in 2 dB increments.
Check control table contained elsewhere in this document.
VGA Control Enable
1 bit, bc. When bc=0 the VGA is controlled by external pins. When bc=1 then bits b0...b5 control the VGA.
Default bc=0, control by external pins
Regulator Disable
1 bit, Vc. When Vc=0 the 2.5V reference output is completely powered down. When Vc=1 the reference
voltage is enabled (provided Tx_ON=HIGH). Default: Vc = 1, enable the 2.5 reference.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com