Electronic Components Datasheet Search
  English  ▼

X  

RPL-10 Datasheet(PDF) 6 Page - Recom International Power

Part # RPL-10
Description  10Amp ◊ Input: 4-16VDC ◊ 29 Pad LGA-M Package RPL-10 Series ◊ Power Module FEATURES
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RPL-10 Datasheet(HTML) 6 Page - Recom International Power

  RPL-10 Datasheet HTML 1Page - Recom International Power RPL-10 Datasheet HTML 2Page - Recom International Power RPL-10 Datasheet HTML 3Page - Recom International Power RPL-10 Datasheet HTML 4Page - Recom International Power RPL-10 Datasheet HTML 5Page - Recom International Power RPL-10 Datasheet HTML 6Page - Recom International Power RPL-10 Datasheet HTML 7Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Technical Data Sheet
DC/DC Converter
Rev. 2-2024
Page 6
10Amp ◊ Input: 4-16VDC ◊ 29 Pad LGA-M Package
RPL-10 Series ◊ Power Module
copyright © RECOM Power GmbH, all rights reserved
www.recom-power.com
Dimension Drawing (mm)
7.00±0.10
0.65
0.45
0.65
1.375
2.15
2.60
3.425
22x 0.80
0.45
2.15
1.375
0.30
1
1
7
8
13
14
20
21
26
27
28
29
Pin1 ID
PKG
SYMM
7.00±0.10
0.65
0.45
0.65
1.375
2.15
2.60
3.425
22x 0.80
0.45
2.15
1.375
0.30
1
1
7
8
13
14
20
21
26
27
28
29
Pin1 ID
PKG
SYMM
7.00±0.10
0.65
0.45
0.65
1.375
2.15
2.60
3.425
22x 0.80
0.45
2.15
1.375
0.30
1
1
7
8
13
14
20
21
26
27
28
29
Pin1 ID
PKG
SYMM
Top View
Front View
Bottom View
Side View
Recommended Footprint Details
(Top View)
Tolerances:
x.x= ±0.1mm
x.xx= ±0.05mm
Pad Information
Pad #
Function
Description
1, 2, 6, 7
VOUT
Output Voltage
3
CTRL/UVLO
CTRL pin. Do not float.
4
PG
Power good output.
5, 8, 9,
27, 28
+VIN
Input supply voltage. Connect using wide PCB traces.
10, 11, 12
PGND
System ground. Use wide PCB traces.
13
VCC
Internal 3V low-dropout (LDO) output.
14, 15, 16,
19, 20, 29
SW
Connect to floating copper plane for improved thermal performance. Thermal pad must be floating.
17
NC
Do not connect.
18, 21
AGND
Analog ground. AGND pin is the control circuit reference point.
22
CS
Current limit setpoint.
23
MODE
Operation mode selection. Configure the MODE pin to the operating switching frequency (fSW).
24
SEQ
External tracking voltage/soft start capacitor input. VOUT tracks the SEQ pin input signal. In the range of 0.6-1.4V. Decouple with 27nF MLCC
capacitor between this pin and Sense, or use a larger value to increase the soft-start time.
25
Sense
Connect to negative voltage sense point or to AGND if not used.
26
FB
FB input. Used to set output voltage between 0.6 and 5.5V.
DIMENSION & PHYSICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com