Electronic Components Datasheet Search
  English  ▼

X  

RPL-10 Datasheet(PDF) 1 Page - Recom International Power

Part # RPL-10
Description  10Amp ◊ Input: 4-16VDC ◊ 29 Pad LGA-M Package RPL-10 Series ◊ Power Module FEATURES
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RPL-10 Datasheet(HTML) 1 Page - Recom International Power

  RPL-10 Datasheet HTML 1Page - Recom International Power RPL-10 Datasheet HTML 2Page - Recom International Power RPL-10 Datasheet HTML 3Page - Recom International Power RPL-10 Datasheet HTML 4Page - Recom International Power RPL-10 Datasheet HTML 5Page - Recom International Power RPL-10 Datasheet HTML 6Page - Recom International Power RPL-10 Datasheet HTML 7Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Rev. 2-2024
Page 1
copyright © RECOM Power GmbH, all rights reserved
www.recom-power.com
Technical Data Sheet
DC/DC Converter
10Amp ◊ Input: 4-16VDC ◊ 29 Pad LGA-M Package
RPL-10 Series ◊ Power Module
Dimensions (LxWxH):
The RPL-10 is a 10A buck converter with integrated inductor in a compact 7mm x 7mm x 4.4mm thermally-enhanced LGA package. The input range is
from 4.0 to 16VDC, allowing both 5V and 12V supply rails to be used. The output voltage can be set with two resistors in the range from 0.6V up to 5.5V.
The output is fully protected against continuous short-circuit, overload, under-voltage or over-temperature faults. A PG output and EN input allow easy
power sequencing. Its high output current capability , small size, light load pulse skipping and fast transient regulation make the RPL-10 ideal for FPGAs,
imaging systems, distributed power architectures, portable equipment in telecom as well as industrial applications.
• High power density (10A in 7x7x4.4mm)
• Operating temperature of -40°C to +90°C at full load
• High efficiency 94%
• Wide 4-16VDC input voltage
• SCP, OCP, and UVLO protection
• Programmable 0.6-5.5V output
• Selectable operating frequency (600kHz - 1MHz)
• Constant on-time for fast transient load response
• Pulse skipping for optimal light load performance
• 3 year warranty
7.0 x 7.0 x 4.4mm (0.276 x 0.276 x 0.173inch)
0.1g (0.0002 lbs)
Part
Number
Input Voltage
Range
[VDC]
Output Voltage
Range
[VDC]
Output Current
max.
[A]
Efficiency (1)
typ.
[%]
RPL-10
4 - 16
0.6 - 5.5
10
94
SELECTION GUIDE
DESCRIPTION
APPLICATIONS
FEATURES
SAFETY & EMC
Note1: Efficiency is tested at VIN= 12VDC, VOUT= 5VDC full load at +25°C ambient
MODEL NUMBERING
Output Current
RPL-10-__
Packaging (2)
Note2: Add suffix "-T" for tray packaging
Add suffix "-CT" for bag packaging (refer to
„Packaging Information“)


Similar Part No. - RPL-10

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
RPL-10 DBLECTRO-RPL-10 Datasheet
280Kb / 3P
Piano Type Dip Switch
RPL-10-B-T DBLECTRO-RPL-10-B-T Datasheet
314Kb / 2P
PIANO TYPE DIP SWITCH
RPL-10-K-T DBLECTRO-RPL-10-K-T Datasheet
314Kb / 2P
PIANO TYPE DIP SWITCH
RPL-10-R-T DBLECTRO-RPL-10-R-T Datasheet
314Kb / 2P
PIANO TYPE DIP SWITCH
More results

Similar Description - RPL-10

ManufacturerPart #DatasheetDescription
logo
MMD Components
WCSMC MMD-WCSMC Datasheet
58Kb / 1P
4 Pad Ceramic SMD Package
logo
ILSI America LLC
ZTT ILSI-ZTT Datasheet
46Kb / 2P
2 Pad and 3 Pad Ceramic Package, 5.5 mm x 10 mm
logo
List of Unclassifed Man...
KXTJ2-1009 ETC2-KXTJ2-1009 Datasheet
598Kb / 2P
Ultra-small Package - 2x2x0.9mm LGA
logo
ILSI America LLC
ZTT-MG ILSI-ZTT-MG Datasheet
57Kb / 2P
2 Pad and 3 Pad Ceramic Package, 5.5 mm x 10 mm
logo
MMD Components
WCSMC MMD-WCSMC_18 Datasheet
85Kb / 2P
4 Pad Plastic SMD Package
logo
Golledge Electronics Lt...
GVXO-523 GOLLEDGE-GVXO-523 Datasheet
596Kb / 5P
3.3V SM VCXO - 5.0x3.2mm 4-pad package
logo
Recom International Pow...
RPL-3.0 RECOM-RPL-3.0 Datasheet
1Mb / 8P
3.0 Amp 10 Pad LGA Package
RPL-3.0-EVM-1 RECOM-RPL-3.0-EVM-1 Datasheet
407Kb / 6P
Evaluation platform for RPL-3.0 Buck Regulator Module
logo
Quectel Wireless Soluti...
AF20 QUECTEL-AF20 Datasheet
682Kb / 2P
Wi-Fi & BT* Module with Ultra-compact LGA Package
logo
MPS Industries, Inc.
MPM3612 MPSIND-MPM3612 Datasheet
858Kb / 20P
3V to 22V Input, 1A, Ultra-Low 5μA IQ Power Module in an LGA Package
Rev. 1.0 3/15/2023
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com