Electronic Components Datasheet Search
  English  ▼

X  

RPL-10 Datasheet(PDF) 2 Page - Recom International Power

Part # RPL-10
Description  10Amp ◊ Input: 4-16VDC ◊ 29 Pad LGA-M Package RPL-10 Series ◊ Power Module FEATURES
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RPL-10 Datasheet(HTML) 2 Page - Recom International Power

  RPL-10 Datasheet HTML 1Page - Recom International Power RPL-10 Datasheet HTML 2Page - Recom International Power RPL-10 Datasheet HTML 3Page - Recom International Power RPL-10 Datasheet HTML 4Page - Recom International Power RPL-10 Datasheet HTML 5Page - Recom International Power RPL-10 Datasheet HTML 6Page - Recom International Power RPL-10 Datasheet HTML 7Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Technical Data Sheet
DC/DC Converter
Rev. 2-2024
Page 2
10Amp ◊ Input: 4-16VDC ◊ 29 Pad LGA-M Package
RPL-10 Series ◊ Power Module
copyright © RECOM Power GmbH, all rights reserved
www.recom-power.com
BASIC CHARACTERISTICS (measured @ TAMB= 25°C, nom. VIN, full load and after warm-up unless otherwise stated)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Input Voltage Range
VIN
refer to
„Safe Operating Area“
4VDC
16VDC
Vin-Vsw
-0.3VDC
0.3VDC
Vsw
-0.3VDC
0.3VDC
Under Voltage Lockout UVLO
rising, VCC= 3.3VDC
2.1VDC
2.4VDC
2.7VDC
falling, VCC= 3.3VDC
1.55VDC
1.85VDC
2.15VDC
Quiescent Current
IQ
VCTRL= 2VDC, VFB = 0.62VDC
650µA
850µA
Output Voltage Range
VOUT
refer to
„Safe Operating Area“
0.6VDC
5.5VDC
Standby Current
IS
VCTRL= 0VDC
10µA
Feedback Voltage
VFB
TJ= -40°C to 125°C
594mV
600mV
606mV
TJ= 0°C to 70°C
597mV
600mV
603mV
Minimum On Time
VFB = 500mV
50ns
Minimum Off Time
VFB = 500mV
180ns
Soft Start
CTRACK = 100nF, TJ= 25°C
1.6ms
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Condition
Min.
Typ.
Max.
Absolute Maximum Voltage
VIN
-0.3VDC
18VDC
VSW
-0.3VDC
0.3VDC
VCC
4.5VDC
others
-0.3VDC
4.3VDC
Maximum Continuous Power Losses (3)
TAMB = +25°C
9W
Junction Temperature
TJ
+170°C
Lead Temperature
+260°C
Safe Operating Area
0
1
2
3
4
5
6
18
16
12
8
14
10
6
4
2
0
Output Voltage [VDC]
2.75
3.8
0.6
5.5
Note3: Exceeding maximum allowable power dissipation causes device to enter thermal shutdown which protects device from permanent damage.
Note4: Stressed beyond those listed under absolute maximum ratings can cause permanent damage to the device.
CTRL OPERATING CONDITIONS
Parameter
Symbol
Condition
Min.
Typ.
Max.
ON/OFF CTRL
DC-DC ON
VCTRL > 1.6VDC
DC-DC OFF
VCTRL < 1.3VDC
CTRL Voltage
3.6VDC
4.3VDC
CTRL Rising Threshold
VCTRL_RISING
1.19VDC
1.22VDC
1.25VDC
CTRL Hysteresis Threshold
160mV
200mV
280mV
CTRL Input Current
ICTRL
50µA



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com