Electronic Components Datasheet Search
  English  ▼

X  

RPL-10 Datasheet(PDF) 5 Page - Recom International Power

Part # RPL-10
Description  10Amp ◊ Input: 4-16VDC ◊ 29 Pad LGA-M Package RPL-10 Series ◊ Power Module FEATURES
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RPL-10 Datasheet(HTML) 5 Page - Recom International Power

  RPL-10 Datasheet HTML 1Page - Recom International Power RPL-10 Datasheet HTML 2Page - Recom International Power RPL-10 Datasheet HTML 3Page - Recom International Power RPL-10 Datasheet HTML 4Page - Recom International Power RPL-10 Datasheet HTML 5Page - Recom International Power RPL-10 Datasheet HTML 6Page - Recom International Power RPL-10 Datasheet HTML 7Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Technical Data Sheet
DC/DC Converter
Rev. 2-2024
Page 5
10Amp ◊ Input: 4-16VDC ◊ 29 Pad LGA-M Package
RPL-10 Series ◊ Power Module
copyright © RECOM Power GmbH, all rights reserved
www.recom-power.com
Efficiency vs. Output Current
Deviation vs. Load
Thermal Derating
Power Dissipation
0
10
20
30
40
50
60
70
80
90
100
100
80
60
40
90
70
50
30
20
10
0
Output Load [%]
8Vin
9Vin
12Vin
15Vin
16Vin
0
2
4
6
8
10
3
2.4
2.3
2.7
2.1
2.2
0
Output Load [A]
2.8
2.9
2.6
2.5
8Vin
9Vin
12Vin
15Vin
16Vin
-40
-20
0
20
40
60
80
100
130
120
100
80
60
40
90
70
50
30
20
10
0
Ambient Temperature [°C]
8Vin
9Vin
12Vin
15Vin
16Vin
0
4
6
8
10
3.5
2
1
2.5
1.5
0.5
0
Output Load [A]
2
3
8Vin
9Vin
12Vin
15Vin
16Vin
TYPICAL PERFORMANCE CHARACTERISTICS
SAFETY & CERTIFICATIONS
Certificate Type (Safety)
Report Number
Standard
RoHS2
RoHS 2011/65EU + AM2015/863
DIMENSION & PHYSICAL CHARACTERISTICS
Parameter
Type
Value
Material
case
plastic
Dimension (LxWxH)
7.0 x 7.0 x 4.4mm
0.276 x 0.276 x 0.173inch
Weight
0.1g typ.
0.0002 lbs
5Vout



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com