Electronic Components Datasheet Search
  English  ▼

X  

SA5753 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # SA5753
Description  Audio processor - filter and control section
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA5753 Datasheet(HTML) 5 Page - NXP Semiconductors

  SA5753 Datasheet HTML 1Page - NXP Semiconductors SA5753 Datasheet HTML 2Page - NXP Semiconductors SA5753 Datasheet HTML 3Page - NXP Semiconductors SA5753 Datasheet HTML 4Page - NXP Semiconductors SA5753 Datasheet HTML 5Page - NXP Semiconductors SA5753 Datasheet HTML 6Page - NXP Semiconductors SA5753 Datasheet HTML 7Page - NXP Semiconductors SA5753 Datasheet HTML 8Page - NXP Semiconductors SA5753 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Philips Semiconductors
Product specification
SA5753
Audio processor – filter and control section
1997 Nov 07
5
AC ELECTRICAL CHARACTERISTICS (continued)
SYMBOL
PARAMETER
TEST CONDITIONS
LIMITS
UNIT
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TX overall gain
3kHz
8
9
9.6
dBm0
TX overall gain
5.9kHz
-52
-45
dBm0
TX BPF dynamic range
TBD
dB
PREMPIN input impedance
f = 3kHz
100
k
Ω
TXOUT
Slew rate
CL = 15pF
0.75
V/
µs
Output impedance
f = 3kHz
40
Ω
Output swing (limiting)
1.2
VP-P
Output swing (1% THD)
5k
Ω load (25
°C)
1.0
VP-P
Tx DTMF signal with TXLPF and pre-emphasis
0.45
V/kHz
Rx DTMF sidetone
–0.8
5.2
dBm0
Time delay to mute from RX MUTE or TX MUTE
transition
VIN = VIL to VIH
VIN = VIH to VIL
0.5
0.5
µs
µs
Table 1. Gain Control Blocks (Bit 0 is Least Significant Bit)
SYMBOL
Bits
TYPICAL STEP (dB)
TYPICAL GAIN (dB)
SYMBOL
Bits
TYPICAL STEP (dB)
MIN
MAX
A1
4
–0.8
–12.0
0
A2a
5
±0.25
–3.75
+3.75
A2b
2
–6, (–12 on first)
–24.0
0
A3
4
–1.0
–17.0
–2.0
A4
4
±0.5
–3.5
+3.5
A6
4
–2.0
–30.0
0
A7
4
±0.5
–3.5
+3.5
NAMPS
1
+1.9 in A2b
–7.6 in A4
VCO
1
+6.0 in A4
For A2a, A4 and A7:
MSB sets the sign of the gain
MSB = 0 for gain
MSB = 1 for attenuation
For all Gain Blocks:
All bits set to 0 = 0dB gain
All bits set to 1 = maximum gain or attenuation
FUNCTIONAL DESCRIPTION
The SA5753 is an audio signal processor designed to meet the
requirements of compact low voltage radio telephone equipment. It
includes transmit and receive bandpass filters for voiceband
(300-3000Hz) with pre-emphasis and de-emphasis respectively, a
transmit peak deviation limiter, voice channel mute switches and a
data path which can be summed into the transmit channel. An I2C
interface is provided for software programmability of a DTMF
generator, mute polarity, selection of different power down and
operating modes and control of the gain in both the transmit and
receive channels.
Software programmable gain control allows the device to be
automatically optimized during equipment production and offers
flexibility during normal operation.
Gain Blocks
The programmable gain blocks are shown in Table 1 and Figure 2.
The purpose for each block is as follows:
a. A1 compensates for microphone gain variations in the transmit
path.
b. A2a compensates for transmitter dynamic range variations due to
manufacturing tolerances of the SA5753 and SA5752 compandor
companion device. To meet AMPS requirements, the dynamic
range between the zero crossing signal level of the compandor
and the peak signal allowed by the deviation limiter is adjusted to
12.34dB.
c. A2b allows coarse attenuation to be inserted in the transmit path
to eliminate positive feedback effects in hands-free speaker
applications. First step is 12dB followed by two steps of 6dB.
d. A3 sets the gain between the DATAIN pin (Pin 19) and the TXOUT
pin (Pin 20) and should be adjusted after A2a and A4 have been
previously optimized. The SA5753 will interface directly with the
UMA1000T data processor (which produces a 2Vpk data signal).
For NAMPS applications an additional 10 to 14dB resistive divider
must be added at the DATAIN pin (Pin 19) for a 2V data signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com