Electronic Components Datasheet Search
  English  ▼

X  

SA5753 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # SA5753
Description  Audio processor - filter and control section
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA5753 Datasheet(HTML) 3 Page - NXP Semiconductors

  SA5753 Datasheet HTML 1Page - NXP Semiconductors SA5753 Datasheet HTML 2Page - NXP Semiconductors SA5753 Datasheet HTML 3Page - NXP Semiconductors SA5753 Datasheet HTML 4Page - NXP Semiconductors SA5753 Datasheet HTML 5Page - NXP Semiconductors SA5753 Datasheet HTML 6Page - NXP Semiconductors SA5753 Datasheet HTML 7Page - NXP Semiconductors SA5753 Datasheet HTML 8Page - NXP Semiconductors SA5753 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Philips Semiconductors
Product specification
SA5753
Audio processor – filter and control section
1997 Nov 07
3
PIN DESCRIPTIONS
PIN NO.
SYMBOL
DESCRIPTION
1
TXBFIN
Transmit bandpass filter input
2
TXBFOUT
Transmit bandpass filter output
3
PREMPIN
Pre-emphasis input
4
VDD
Positive supply
5
VOXCTL
Vox control output
6
HPDN
Power-down I/O
7
DEMPOUT
De-emphasis output
8
AUDIOIN
Audio input
9
SPKROUT
Audio output to speaker
10
EAROUT
Audio output to earpiece
11
RX DEMODIN
Rx demodulated audio signal input
12
RX MUTE
RX audio signal mute input
13
DFT
Default input, non-I2C or stand-alone operation
14
CLKIN
Clock input (1.2MHz)
15
GND
Ground
16
SCL
I2C serial clock line
17
SDA
I2C serial data line
18
TX MUTE
Tx audio signal mute input
19
DATAIN
Data input
20
TXOUT
Transmit output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com