Electronic Components Datasheet Search
  English  ▼

X  

SA5753 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # SA5753
Description  Audio processor - filter and control section
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA5753 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button SA5753 Datasheet HTML 5Page - NXP Semiconductors SA5753 Datasheet HTML 6Page - NXP Semiconductors SA5753 Datasheet HTML 7Page - NXP Semiconductors SA5753 Datasheet HTML 8Page - NXP Semiconductors SA5753 Datasheet HTML 9Page - NXP Semiconductors SA5753 Datasheet HTML 10Page - NXP Semiconductors SA5753 Datasheet HTML 11Page - NXP Semiconductors SA5753 Datasheet HTML 12Page - NXP Semiconductors SA5753 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Philips Semiconductors
Product specification
SA5753
Audio processor – filter and control section
1997 Nov 07
9
AUDIOIN
VOXCTL
PREMPIN
TXBFOUT
TXBFIN
3
1
2
5
6
7
8
9
10
4
20
19
18
17
16
15
14
13
12
11
S1
S2
S3
S2
S4
S5
S6
S7
S7
S9
S10
220nF
33nF
220nF
220nF
220nF
33nF
HPDN
SPEAKEROUT
EAROUT
DFT
DEMPOUT
GND
SDA
SCL
TXOUT
TX MUTE
DATAIN
RX MUTE
RX DEMODIN
TXBPF
TXLPF
ATTN 1
ATTN 2
MUTE
TX
ATTN 3
PREEMPH
AND
SOFT LIM
DTMF
GEN
DEEMPH
Σ
ATTN 4
I2C R5B1
I2C R8B7
I2C R8B1
RXBPF
I2C R0B4
MUTE
RX
I2C R0B5
I2C R8B3
VREF
ATTN 7
CLKIN
220nF
2.2
µF
220nF
I2C INTERFACE
AND
REGISTERS
S12
S12
ATTN 6
S13
S11
.1
µF
VDD
1.2MHz
S8
S8
S4
220nF
SR00668
Figure 2. SA5753 Test and Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com