Electronic Components Datasheet Search
  English  ▼

X  

SA5753 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # SA5753
Description  Audio processor - filter and control section
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA5753 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button SA5753 Datasheet HTML 4Page - NXP Semiconductors SA5753 Datasheet HTML 5Page - NXP Semiconductors SA5753 Datasheet HTML 6Page - NXP Semiconductors SA5753 Datasheet HTML 7Page - NXP Semiconductors SA5753 Datasheet HTML 8Page - NXP Semiconductors SA5753 Datasheet HTML 9Page - NXP Semiconductors SA5753 Datasheet HTML 10Page - NXP Semiconductors SA5753 Datasheet HTML 11Page - NXP Semiconductors SA5753 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Philips Semiconductors
Product specification
SA5753
Audio processor – filter and control section
1997 Nov 07
8
Mode
F7
F6
quick access
0
quick access
test mode
address mode
0
1
1
Load F5–F0 to R0B5 – R0B0
Load F5-F0 to R1B5 – R1B0
F3–F0 point to register
For test only. DO NOT USE.
Action
0
1
0
1
S
A7 A6 A5 A4 A3 A2 A1 A0
ACK
ACK
S = start, A0 = 0, ACK = acknowledge, P = stop, A7–0 = SA5753 address fixed internally at 1000000.
I2C Address and Access
A1b3–0
=
program bits for gain block A1
REG
F3
F2
R0
0
0
R1
R2
R3
R4
R5
R6
R7
0
0
0
0
0
0
0
0
0
0
1
1
1
1
F7 F6 F5 F4 F3 F2 F1 F0
...
P
Access mode is determined by F7, F6.
All access modes support incremental addressing.
F1
F0
00
0
1
1
0
0
1
1
1
0
1
0
1
0
1
R8
1
000
Address
HD7
LD7
A1b3
A6b3
A2ab4
A3b3
VOXCTL
HD6
LD6
A1b2
A6b2
A2ab3
A3b2
S3
RxM
DTC
HD5
LD5
A1b1
A6b1
A2ab2
A3b1
S5
TxM
S4
HD4
LD4
A1b0
A6b0
A2ab1
A3b0
S6
A2bb1
S8
HD3
LD3
A4b3
NAMPS
A2ab0
A7b3
S11
A2bb0
S13
HD2
LD2
A4b2
VCO
PWDN
A7b2
RxP
S9
S7
HD1
LD1
A4b1
HPDN
IDLE 1
A7b1
TxP
S10
S2
HD0
LD0
A4b0
S12
IDLE 0
A7b0
S1
Address Map
For all bits TRUE = ‘1’
A2ab4–0 =
program bits for gain block A2a
A2bb1–0 =
program bits for gain block A2b
A3b3–0
=
program bits for gain block A3
A4b4–0
=
program bits for gain block A4
A5b2–0
=
program bits for gain block A5
A6b3–0
=
program bits for gain block A6
A7b3–0
=
program bits for gain block A7
HD7–0
=
high tone DTMF
LD7–0
=
low tone DTMF
NAMPS
=
program bit for NAMPS offset
VCO
=
6dB higher TXOUT
RxM
=
receive mute
TxM
=
transmit mute
RxP
=
receive mute polarity
TxP
=
transmit mute polarity
DTC
=
DTMF continuous
VOXCTL
=
enable VOX of compandor/expander circuit. This bit appears at the VOXCTL pin (Pin 5) of the SA5753.
HPDN
=
enable power down of compandor circuit. This bit appears at the HPDN pin (Pin 6) of the SA5753
S4
=
enable DTMF to TX path and inhibit PREMPIN and S2.
S1
=
bypass TXBPF
S2
=
bypass compressor in TX path, inhibit pre-emph input
S12 =
cordless data option established
S5
=
bypass RXBPF
S6
=
bypass de-emph in RX path
S7
=
bypass expandor in RX path, inhibit audio input
S8
=
enable DTMF to RX path and inhibit AUDIOIN and S7.
S9
=
enable SPKROUT
S10 =
enable EAROUT
S11 =
bypass TXLPF
S13 =
enable data path
Register Bits
B7
B6
B5
B4
B3
B2
B1
B0
S3
=
bypass pre-emp and limiter in Tx path
PWDN
1
0
0
0
0
IDLE1
X
1
1
0
0
IDLE0
X
0
1
0
1
(PWDN) Complete power down except I2C, I/Os high impedance.
(DENA) Low power, I/Os at VDD/2, DATAIN to TXOUT enabled.
(IDLE) Low power, I/Os at VDD/2, DATAIN to TXOUT disabled.
Normal operation.
DATAIN to TXOUT disabled.
X = don’t care.
Low Power Modes (R6B0 – R6B2)
PWDN, IDLE1, IDLE0 see Table below
Y
Y
Y
Y
Y = ignored in address mode.
SR00667



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com