Electronic Components Datasheet Search
  English  ▼

X  

MP7720DS Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP7720DS
Description  Mini 20W Stereo Class D Single Ended Audio Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP7720DS Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP7720DS Datasheet HTML 1Page - Monolithic Power Systems MP7720DS Datasheet HTML 2Page - Monolithic Power Systems MP7720DS Datasheet HTML 3Page - Monolithic Power Systems MP7720DS Datasheet HTML 4Page - Monolithic Power Systems MP7720DS Datasheet HTML 5Page - Monolithic Power Systems MP7720DS Datasheet HTML 6Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
EV0066
MP7720: Mini 20W Stereo Class D
Single Ended Audio Amplifier
EVALUATION BOARD
EV0066 Rev 1.1 05/12/04
www.monolithicpower.com
3
Monolithic Power Systems
Table 1: EV0066 Bill of Materials
Component
Description
Package
Qty
U2, U3
MP7720DS
SOIC8
2
D3, D5
1N5819 Shottky
SOD123
2
D4, D6
ZD Diode
SOD323
2
C1, C8, C10, C19, C21
1µF/16V/X5R
0603
5
C12, C23
0.1µF
0604
2
C15, C26
470pF
0605
2
C5, C16
10pF
0606
2
C9, C20
3.9nF
0607
2
C14, C25
0.1µF
1206
2
C7, C18
1µF/25V/X7R
1207
2
C13, C24
0.47µF Metal
1210
2
C11, C22
470µF
OD10P5.0
2
C6, C17
220µF/25V
OD8.0P3.5
2
CN2, CN3
2 Pin Connector
2MM
2
CN1
6 Pin Connector
2MM
1
L2, L3
10µH/3.5A Toko
D300\P200
2
R10, R11, R15, R16
10KΩ
0603
4
R13, R18
100
0604
2
R19, R20
1KΩ
0605
2
R7, R14
82KΩ
0606
2
R8, R9
100KΩ
0607
2
R12, R17
10
1206
2
Total
48



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com