Electronic Components Datasheet Search
  English  ▼

X  

MP7720DS Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP7720DS
Description  Mini 20W Stereo Class D Single Ended Audio Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP7720DS Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP7720DS Datasheet HTML 1Page - Monolithic Power Systems MP7720DS Datasheet HTML 2Page - Monolithic Power Systems MP7720DS Datasheet HTML 3Page - Monolithic Power Systems MP7720DS Datasheet HTML 4Page - Monolithic Power Systems MP7720DS Datasheet HTML 5Page - Monolithic Power Systems MP7720DS Datasheet HTML 6Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
EV0066
MP7720: Mini 20W Stereo Class D
Single Ended Audio Amplifier
EVALUATION BOARD
EV0066 Rev 1.1 05/12/04
www.monolithicpower.com
5
Monolithic Power Systems
Figure 5: EV0066 Connection Diagram
CN1
CN2
CN3
OUT1 GND GND OUT2
Power
Supply
+
-
IN1
IN2
Enable
Evaluation Board Operation
Power Requirements
1. Power supply: 7.5V to 24V, 6A maximum
2. 0
V to 1VRMS (max) audio signal source, ≤ 600Ω.
3. Speaker: 4
Ω or 8Ω.
Setup Condition for 24V Operation
1.
Connect + and - speakers terminals to OUT and GND pins of CN2 and CN3 respectively.
2.
Connect the + and 1 power supply terminals to Pin 1 and 2 of CN1 respectively.
3.
Adjust the power supply to 7.5
≤ VCC ≤ 24V, (do not turn on).
4.
Connect the audio input signal source to the amplifier inputs (IN1, IN2).
5.
Turn on the power supply to apply power to the board.
6.
To enable the board apply a voltage, 2V
≤ VEN ≤ 6V, to the EN pin. To disable the board
connect the EN pin to ground.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com