Electronic Components Datasheet Search
  English  ▼

X  

MP7720DS Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP7720DS
Description  Mini 20W Stereo Class D Single Ended Audio Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP7720DS Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP7720DS Datasheet HTML 1Page - Monolithic Power Systems MP7720DS Datasheet HTML 2Page - Monolithic Power Systems MP7720DS Datasheet HTML 3Page - Monolithic Power Systems MP7720DS Datasheet HTML 4Page - Monolithic Power Systems MP7720DS Datasheet HTML 5Page - Monolithic Power Systems MP7720DS Datasheet HTML 6Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
EV0066
MP7720: Mini 20W Stereo Class D
Single Ended Audio Amplifier
EVALUATION BOARD
EV0066 Rev 1.1 05/12/04
www.monolithicpower.com
1
Monolithic Power Systems
General Description
The EV0066 is a 20W stereo evaluation board
featuring MPS’ MP7720 Class D Single Ended
Audio Amplifier. The EV0066 can deliver 20W
into a 4
Ω load with a 24V input supply.
The MP7720 is a mono 20W Class D Audio
Amplifier. It is one of MPS’s second generation
of fully integrated audio amplifiers which
dramatically
reduces
solution
size
by
integrating the following:
180mΩ power MOSFETs
Start up / shut down pop elimination
Short circuit protection circuits
The MP7720 utilizes a single ended output
structure capable of delivering 20W into 4
Ω
speakers. As in all other MPS Class D Audio
Amplifiers, this device exhibits the high fidelity
of a Class A/B amplifier at efficiencies greater
than 90%.
Ordering Information
Board Number
MPS IC Number
EV0066
MP7720DS
EV0066 Evaluation Board
(Actual Size = 1.0”X x 1.4”Y)
Absolute Maximum Ratings
Supply Voltage VDD
26V
Signal Input Voltage
±2V p-p
Enable Voltage
–0.3 to 6V
Recommended Operating Conditions
Input Voltage VDD
7.5V to 24V
Signal Input Voltage
1V rms
Signal Input Frequency
20Hz to 20KHz
Signal Source Impedance
<600Ω
External Enable Input
0V to 5V
Speaker Resistance
4
Ω to 8Ω
Performance
Maximum Output Power (10% THD, 4
Ω)
20W
Maximum Output Power (10% THD, 8
Ω)
10W
THD (1kHz, 1W)
0.05%
Power Efficiency (POUT=20W, 4Ω)
90%
Features
20W Output at 24V Input Into a 4
Ω Load
0.05% THD+N @ 2W, 1KHz Into 4
Ω Load
0.05% THD+N @ 2W, 1KHz Into 8
Ω Load
90% Efficiency at 20W
Integrated Start-Up and Shut-Down
Pop Elimination Circuit
Thermal Protection
Integrated 180m
Ω Power Switches
Mute / Standby Mode (Sleep)
Applications
Televisions
Home Stereo Systems
Monitors


Similar Part No. - MP7720DS

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP7720DS MPS-MP7720DS Datasheet
519Kb / 6P
20W Stereo Class D Single Ended Audio Amplifier
MP7720DS MPS-MP7720DS Datasheet
628Kb / 11P
150W Class D 5.1 Channel Audio Board
MP7720DS MPS-MP7720DS Datasheet
338Kb / 11P
20W Class D Mono Single Ended Audio Amplifer
MP7720DS MPS-MP7720DS Datasheet
403Kb / 7P
20W Stereo Class D Single Ended Audio Amplifier Evaluation Board
More results

Similar Description - MP7720DS

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV0030 MPS-EV0030 Datasheet
519Kb / 6P
20W Stereo Class D Single Ended Audio Amplifier
EV7722DF-00C MPS-EV7722DF-00C Datasheet
526Kb / 8P
20W Stereo Class D Single Ended Audio Amplifier
MP7722 MPS-MP7722 Datasheet
410Kb / 11P
2 x 20W Class D Stereo Single Ended Audio Amplifer
MP7745 MPS-MP7745 Datasheet
705Kb / 13P
2 x 20W Class D Stereo Single Ended Audio Amplifer
MP7747 MPS-MP7747 Datasheet
656Kb / 14P
20W Class D Mono Single Ended Audio Amplifier
MP7748 MPS-MP7748 Datasheet
823Kb / 19P
2x20W Stereo Single Ended Class D Audio Amplifier
EV7720DS-00A MPS-EV7720DS-00A Datasheet
403Kb / 7P
20W Stereo Class D Single Ended Audio Amplifier Evaluation Board
EV7722DF-02A MPS-EV7722DF-02A Datasheet
433Kb / 7P
20W Stereo Class D Single Ended Audio Amplifier Evaluation Board
EV7745DF-01A MPS-EV7745DF-01A Datasheet
284Kb / 6P
20W Stereo Class D Single Ended Audio Amplifier EV Board
logo
Nuvoton Technology Corp...
NAU83P20 NUVOTON-NAU83P20 Datasheet
1Mb / 28P
20W Stereo Class-D Audio Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com