Electronic Components Datasheet Search
  English  ▼

X  

MP7720DS Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP7720DS
Description  Mini 20W Stereo Class D Single Ended Audio Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP7720DS Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP7720DS Datasheet HTML 1Page - Monolithic Power Systems MP7720DS Datasheet HTML 2Page - Monolithic Power Systems MP7720DS Datasheet HTML 3Page - Monolithic Power Systems MP7720DS Datasheet HTML 4Page - Monolithic Power Systems MP7720DS Datasheet HTML 5Page - Monolithic Power Systems MP7720DS Datasheet HTML 6Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
EV0066
MP7720: Mini 20W Stereo Class D
Single Ended Audio Amplifier
EVALUATION BOARD
EV0066 Rev 1.1 05/12/04
www.monolithicpower.com
4
Monolithic Power Systems
Figure 3: THD+N vs. Output Power with RL = 4Ω, VCC=14V, 1KHz
0.01
20
0.02
0.05
0.1
0.2
0.5
1
2
5
10
%
60m
10
100m
200m
500m
1
2
5
W
Figure 4: THD+N vs. Output Power with RL = 8Ω, VCC=14V, 1KHz
0.01
20
0.02
0.05
0.1
0.2
0.5
1
2
5
10
%
60m
5
100m
200m
500m
1
2
W



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com