Electronic Components Datasheet Search
  English  ▼

X  

XRT83SL216 Datasheet(PDF) 13 Page - Exar Corporation

Part # XRT83SL216
Description  16-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83SL216 Datasheet(HTML) 13 Page - Exar Corporation

Back Button XRT83SL216 Datasheet HTML 9Page - Exar Corporation XRT83SL216 Datasheet HTML 10Page - Exar Corporation XRT83SL216 Datasheet HTML 11Page - Exar Corporation XRT83SL216 Datasheet HTML 12Page - Exar Corporation XRT83SL216 Datasheet HTML 13Page - Exar Corporation XRT83SL216 Datasheet HTML 14Page - Exar Corporation XRT83SL216 Datasheet HTML 15Page - Exar Corporation XRT83SL216 Datasheet HTML 16Page - Exar Corporation XRT83SL216 Datasheet HTML 17Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
XRT83SL216
11
REV. 1.0.0
16-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT
CONTROL FUNCTION
NAME
PIN
TYPE
DESCRIPTION
JASEL0
JASEL1
G13
H13
I
Jitter Attenuator Select:
The Jitter Attenuator can be slected to be in the Transmit or Receive path.
NOTE: Internally pulled "High" with a 50k
Ω resistor.
MCLK
L6
I
Master Clock Input
This pin is used as the internal reference to the LIU. This clock must be
2.048MHz +/-50ppm.
JTAG SECTION
NAME
PIN
TYPE
DESCRIPTION
TCK
G5
I
JTAG Test Clock input, Boundary Scan Clock input:
TDI
G4
I
JTAG Test Data input, Boundary Scan Test Data Input:
NOTE: Internally pulled "High" with a 50k
Ω resistor.
TDO
H5
O
JTAG Test Data output:
Boundary Scan Test Data Output:
TMS
G6
I
JTAG Test Mode Select, Boundary Scan Test Mode Select input pin:
NOTE: Internally pulled "High" with a 50k
Ω resistor.
TRST
H4
I
JTAG Test Mode Reset, Boundary Scan Mode Reset Input pin:
NOTE: This input pin should be pulled "Low" for normal operation. Internally
pulled "High" with a 50k
Ω resistor.
JASEL1
JASEL0
0
JA Select is enabled
through
µP Control
JA in Rx Path
JA in Tx Path
JA Disabled
1
1
0
1
1
0
0
Jitter Attenuator State



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com