Electronic Components Datasheet Search
  English  ▼

X  

XRT83SL216 Datasheet(PDF) 38 Page - Exar Corporation

Part # XRT83SL216
Description  16-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83SL216 Datasheet(HTML) 38 Page - Exar Corporation

Back Button XRT83SL216 Datasheet HTML 34Page - Exar Corporation XRT83SL216 Datasheet HTML 35Page - Exar Corporation XRT83SL216 Datasheet HTML 36Page - Exar Corporation XRT83SL216 Datasheet HTML 37Page - Exar Corporation XRT83SL216 Datasheet HTML 38Page - Exar Corporation XRT83SL216 Datasheet HTML 39Page - Exar Corporation XRT83SL216 Datasheet HTML 40Page - Exar Corporation XRT83SL216 Datasheet HTML 41Page - Exar Corporation XRT83SL216 Datasheet HTML 42Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 38 / 42 page
background image
XRT83SL216
36
16-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT
REV. 1.0.0
ELECTRICAL CHARACTERISTICS
NOTE: Input leakage current excludes pins that are internally pulled "Low" or "High".
TABLE 14: ABSOLUTE MAXIMUM RATINGS
Storage Temperature
-65°C to +150°C
Operating Temperature
-40°C to +85°C
Supply Voltage
-0.5V to +6.0V
TABLE 15: DC DIGITAL INPUT AND OUTPUT ELECTRICAL CHARACTERISTICS
VDD=3.3V ±5%, TA=25°C, UNLESS OTHERWISE SPECIFIED
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Power Supply Voltage
VDD
3.13
3.3
3.46
V
Input High Voltage
VIH
2.0
-
5.0
V
Input Low Voltage
VIL
-0.5
-
0.8
V
Output High Voltage IOH=2.0mA
VOH
2.4
-
V
Output Low Voltage IOL=2.0mA
VOL
-
-
0.4
V
Input Leakage Current
IL
-
-
±10
µA
Input Capacitance
CI
-
5.0
pF
Output Lead Capacitance
CL
-
-
25
pF
TABLE 16: AC ELECTRICAL CHARACTERISTICS
VDD=3.3V ±5%, TA=25°C, UNLESS OTHERWISE SPECIFIED
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
MCLK Clock Duty Cycle
40
-
60
%
MCLK Clock Tolerance
-
±50
-
ppm
TABLE 17: POWER CONSUMPTION
VDD=3.3V ±5%, TA=25°C, UNLESS OTHERWISE SPECIFIED
MODE
IMPEDANCE
RECEIVER
TRANSMITTER
TYP
MAX
UNIT
TEST
CONDITION
E1
75
Ω
2:1
1:2
1.6
2.3
W
50% ones
100% ones
E1
120
Ω
2:1
1:2
1.4
1.9
W
50% ones
100% ones
E1
75
Ω/120Ω
2:1
1.2
400
mW
Transmitter
OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com