Electronic Components Datasheet Search
  English  ▼

X  

XRT83SL216 Datasheet(PDF) 34 Page - Exar Corporation

Part # XRT83SL216
Description  16-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83SL216 Datasheet(HTML) 34 Page - Exar Corporation

Back Button XRT83SL216 Datasheet HTML 30Page - Exar Corporation XRT83SL216 Datasheet HTML 31Page - Exar Corporation XRT83SL216 Datasheet HTML 32Page - Exar Corporation XRT83SL216 Datasheet HTML 33Page - Exar Corporation XRT83SL216 Datasheet HTML 34Page - Exar Corporation XRT83SL216 Datasheet HTML 35Page - Exar Corporation XRT83SL216 Datasheet HTML 36Page - Exar Corporation XRT83SL216 Datasheet HTML 37Page - Exar Corporation XRT83SL216 Datasheet HTML 38Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 42 page
background image
XRT83SL216
32
16-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT
REV. 1.0.0
TABLE 9: MICROPROCESSOR REGISTER 0X03H BIT DESCRIPTION
TABLE 10: MICROPROCESSOR REGISTERS 0X04H & 0X05H BIT DESCRIPTION
REVISION "ID" REGISTER (0X03H)
BIT
NAME
FUNCTION
Register
Type
Default
Value
(HW reset)
D7
D6
D5
D4
D3
D2
D1
D0
Revision
"ID"
The revision "ID" of the XRT83SL216 LIU is used to enable soft-
ware to identify which revision of silicon is currently being tested.
The revision "ID" for the first revision of silicon (Revision A) will be
0x01h.
RO
0
0
0
0
0
0
0
1
DEVICE "ID" REGISTERS (0X04H & 0X05H)
BIT
NAME
FUNCTION
Register
Type
Default
Value
(HW reset)
D7
D6
D5
D4
D3
D2
D1
D0
Device "ID" The device for this chip consists of 2 read only registers. The ID for
the XR T83SL216 is 0x8004h.
RO
TABLE 11: MICROPROCESSOR REGISTER BIT DESCRIPTION
CHANNEL CONTROL REGISTER (CHANNEL_n, where n = 0:15)
(0X06H, 0X09H, 0X0CH, 0X0FH, 0X12H, 0X15H, 0X18H, 0X1BH, 1EH, 0X21H, 0X24H, 0X27H, 0X2AH, 0X2DH, 0X30H, 0X33H)
BIT
NAME
FUNCTION
Register
Type
Default
Value
(HW reset)
D7
SRES_n
Software Reset
Writing a "1" to this bit will cause the channel register to reset to
it's default value.
NOTE: This is a Write-Only bit.
WO
X
D6
ARAOS_n
Automatic Receive All Ones
If ARAOS_n is selected, an all ones pattern will be sent to the
RPOS/RNEG outputs if the channel experiences an RLOS condi-
tion. If RLOS does not occur, ARAOS_n will remain inactive.
"0" = Disabled
"1" = Enabled
R/W
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com