Electronic Components Datasheet Search
  English  ▼

X  

XRT83SL216 Datasheet(PDF) 29 Page - Exar Corporation

Part # XRT83SL216
Description  16-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83SL216 Datasheet(HTML) 29 Page - Exar Corporation

Back Button XRT83SL216 Datasheet HTML 25Page - Exar Corporation XRT83SL216 Datasheet HTML 26Page - Exar Corporation XRT83SL216 Datasheet HTML 27Page - Exar Corporation XRT83SL216 Datasheet HTML 28Page - Exar Corporation XRT83SL216 Datasheet HTML 29Page - Exar Corporation XRT83SL216 Datasheet HTML 30Page - Exar Corporation XRT83SL216 Datasheet HTML 31Page - Exar Corporation XRT83SL216 Datasheet HTML 32Page - Exar Corporation XRT83SL216 Datasheet HTML 33Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 42 page
background image
XRT83SL216
27
REV. 1.0.0
16-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT
FIGURE 22. TIMING DIAGRAM FOR THE MICROPROCESSOR SERIAL INTERFACE
TABLE 5: MICROPROCESSOR SERIAL INTERFACE TIMINGS ( TA = 25
0C, V
DD=3.3V± 5% AND LOAD = 10PF)
SYMBOL
PARAMETER
MIN.
TYP.
MAX
UNITS
t21
CS Low to Rising Edge of SClk
5
ns
t22
SDI to Rising Edge of SClk
5
ns
t23
SDI to Rising Edge of SClk Hold Time
5
ns
t24
SClk "Low" Time
50
ns
t25
SClk "High" Time
50
ns
t26
SClk Period
100
ns
t27
Falling Edge of SClk to rising edge of CS
0
ns
t28
CS Inactive Time
50
ns
t29
Falling Edge of SClk to SDO Valid Time
20
ns
t30
Falling Edge of SClk to SDO Invalid Time
10
ns
t31
Rising edge of CS to High Z
25
ns
t32
Rise/Fall time of SDO Output
5
ns
SDI
R/W
A1
A0
CS
SCLK
CS
SCLK
SDI
SDO
D0
D1
D2
D7
t
21
t
22
t
23
t
24
t
25
t
26
t
27
t
28
t
29
t
30
t
31
t
32
Don’t Care (Read mode)
Hi-Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com