Electronic Components Datasheet Search
  English  ▼

X  

MP1527 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP1527
Description  2A, 1.3MHz Step-Up Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1527 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP1527 Datasheet HTML 1Page - Monolithic Power Systems MP1527 Datasheet HTML 2Page - Monolithic Power Systems MP1527 Datasheet HTML 3Page - Monolithic Power Systems MP1527 Datasheet HTML 4Page - Monolithic Power Systems MP1527 Datasheet HTML 5Page - Monolithic Power Systems MP1527 Datasheet HTML 6Page - Monolithic Power Systems MP1527 Datasheet HTML 7Page - Monolithic Power Systems MP1527 Datasheet HTML 8Page - Monolithic Power Systems MP1527 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
MP1527
2A, 1.3MHz
Step-Up Converter
MP1527 Rev 1.8_8/31/05
Monolithic Power Systems, Inc.
4
Monolithic Power Systems
Typical Operating Characteristics (Circuit of Figure 9: Unless Otherwise Specified)
Figure 2: MP1527 responding to FAULT being
Figure 3: MP1527 responding to an overload
driven low
VOUT
VSS
VFAULT
VOUT
VSS
VFAULT
Figure 4: MP1527 starting from EN being
Figure 5: Transient Load Response. Load
driven low-to-high
driven from 50mA to 500mA
VOUT
VSS
IIN (500mA/Div)
VEN
VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com