Electronic Components Datasheet Search
  English  ▼

X  

MP1527 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP1527
Description  2A, 1.3MHz Step-Up Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1527 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP1527 Datasheet HTML 6Page - Monolithic Power Systems MP1527 Datasheet HTML 7Page - Monolithic Power Systems MP1527 Datasheet HTML 8Page - Monolithic Power Systems MP1527 Datasheet HTML 9Page - Monolithic Power Systems MP1527 Datasheet HTML 10Page - Monolithic Power Systems MP1527 Datasheet HTML 11Page - Monolithic Power Systems MP1527 Datasheet HTML 12Page - Monolithic Power Systems MP1527 Datasheet HTML 13Page - Monolithic Power Systems MP1527 Datasheet HTML 14Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
MP1527
2A, 1.3MHz
Step-Up Converter
MP1527 Rev 1.8_8/31/05
Monolithic Power Systems, Inc.
12
Monolithic Power Systems
C3 ≈ 1.9x103 C2 VOUT
2 / (VIN R32)
In some cases, if an output capacitor with high
capacitance
and
high
equivalent
series
resistance (ESR) is used, then a second
compensation capacitor (from COMP to
SGND) is required to compensate for the zero
introduced by the output capacitor ESR. The
extra capacitor is required if the ESR zero is
less than 4x the crossover frequency.
The
ESR zero frequency is:
fZESR = 1 / (2π*C2*RESR)
The
second
compensation
capacitor
is
required if:
4*fC ≥ fZESR
or
4*GCS*GEA*VIN*VFB*R3
/
(2π*C2*VOUT
2)
≥
1
/
(2π*C2*RESR)
Simplifying:
(8.4x10-3*VIN*R3*RESR )/ VOUT
2 ≥ 1
If this is the case, calculate the second
compensation capacitor by the equation:
R3*C4 = C2*RESR
or
C4 = (C2*RESR) / R3
Example
Given:
Input Voltage (VIN): 5V
Output Voltage (VOUT): 12V
Maximum Load Current (ILOAD-MAX): 500mA
Output Capacitor (C2): 10µF (ESR=10mΩ
Maximum)
Inductor Value (L): 4.7µH
Find the frequency of the right-half-plane zero:
fRHPZ = VIN
2 / (2π*L*VOUT*ILOAD-MAX)
fRHPZ = (5V)
2 /
(2π*4.7µH*12V*500mA)=141KHz
The frequency of the right-half-plane zero is
less than 750khz, so use equation (1) to
determine the compensation resistor R3:
R3 ≈ 48*VIN*VOUT*C2 / (L*ILOAD-MAX)
R3 ≈ 48*5*12*10µF/(4.7µH*500mA) =12.3KΩ
(use 10KΩ)
Find the compensation capacitor C3:
C3 ≈ 1.9x10
3*C2*V
OUT
2 / (V
IN*R3
2)
C3 ≈ 1.9x10
3*10µF (12V)2 / (5 * 10KΩ2) = 5.4nF
(use the nearest standard value, 5.6nF)
Determine
if
the
second
compensation
capacitor is required:
8.4x10
-3 * 5V * 5.6KΩ * 10mΩ / 12V2 = 0.016 ≤ 1
Therefore no second compensation capacitor
is required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com