Electronic Components Datasheet Search
  English  ▼

X  

MP1527 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP1527
Description  2A, 1.3MHz Step-Up Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1527 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP1527 Datasheet HTML 1Page - Monolithic Power Systems MP1527 Datasheet HTML 2Page - Monolithic Power Systems MP1527 Datasheet HTML 3Page - Monolithic Power Systems MP1527 Datasheet HTML 4Page - Monolithic Power Systems MP1527 Datasheet HTML 5Page - Monolithic Power Systems MP1527 Datasheet HTML 6Page - Monolithic Power Systems MP1527 Datasheet HTML 7Page - Monolithic Power Systems MP1527 Datasheet HTML 8Page - Monolithic Power Systems MP1527 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
MP1527
2A, 1.3MHz
Step-Up Converter
MP1527 Rev 1.8_8/31/05
Monolithic Power Systems, Inc.
1
Monolithic Power Systems
General Description
The MP1527 is a 2A, fixed frequency step-up
converter in a tiny 16 lead QFN package. The
high 1.3MHz switching frequency allows for
smaller external components producing a
compact solution for medium-to-high current
step-up, flyback, and SEPIC applications.
The MP1527 regulates the output voltage up
to 25V at efficiency as high as 93%. Soft-start,
timer-latch fault circuitry, cycle-by-cycle current
limiting,
and
input
undervoltage
lockout
prevent overstressing or damage to external
circuitry at startup and output short-circuit
conditions. Fixed frequency operation eases
control of noise making the MP1527 optimal
for noise sensitive applications such as mobile
handsets and wireless LAN PC cards.
Current-mode
regulation
and
external
compensation components allow the MP1527
control loop to be optimized over wide variety
of input voltage, output voltage and load
current conditions.
The MP1527 is offered in a tiny 4mm x 4mm
16 lead QFN and 14 lead TSSOP packages.
Features
2A Peak Current Limit
Internal 150m
Ω Power Switch
VIN Range of 2.6V to 25V
>93% Efficiency
Zero Current Shutdown Mode
Under Voltage Lockout Protection
Timer-Latch Fault Detection
Soft Start Operation
Thermal Shutdown
Tiny 4mm x 4mm 16 pin QFN Package
Evaluation Board Available
Applications
SOHO Routers, PCMCIA Cards, Mini PCI
Handheld Computers, PDAs
Cell Phones, Digital and Video Cameras
Small LCD Display
Ordering Information
Part Number
Package
Temperature
MP1527DR
QFN16 (4x4)
-40
° to +85°C
MP1527DM
TSSOP14
-40
° to +85°C
EV0034
MP1527DR Evaluation Board
∗ For Tape & Reel, add suffix –Z (e.g. MP1527DR–Z)
For Lead Free, add suffix –LF (e.g. MP1527DR–LF–Z)
Figure 1: Typical Application Circuit
ON/OFF
FAULT
V
IN = 2.6V to 25V
V
OUT = 3.3V to 25V
SS
EN
FAULT
IN
BP
SGND
SW
FB
PGND
COMP


Similar Part No. - MP1527

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP1527DR MPS-MP1527DR Datasheet
178Kb / 4P
2A, 1.3MHz Step-Up Converter
MP1527DR MPS-MP1527DR Datasheet
199Kb / 5P
1.3MHz Low Power LED Torch/Flash Driver
More results

Similar Description - MP1527

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2622 NSC-LM2622 Datasheet
429Kb / 16P
600kHz/1.3MHz Step-up PWM DC/DC Converter
logo
Linear Technology
LT3460 LINER-LT3460 Datasheet
211Kb / 12P
1.3MHz Step-Up DC/DC Converter in SC70 and ThinSOT
logo
Monolithic Power System...
EV0034 MPS-EV0034 Datasheet
178Kb / 4P
2A, 1.3MHz Step-Up Converter
logo
National Semiconductor ...
LM2622 NSC-LM2622_04 Datasheet
460Kb / 16P
600kHz/1.3MHz Step-up PWM DC/DC Converter
logo
Monolithic Power System...
MP3216 MPS-MP3216 Datasheet
421Kb / 10P
36V, 1.3MHz, 0.75A Step-up Converter With Output Disconnect
logo
Texas Instruments
LM2622 TI-LM2622_15 Datasheet
1Mb / 27P
LM2622 600kHz/1.3MHz Step-up PWM DC/DC Converter
logo
List of Unclassifed Man...
MT3608 ETC1-MT3608 Datasheet
603Kb / 7P
High Efficiency 1.2MHz 2A Step Up Converter
logo
SHOUDING Shouding Semic...
SB6284 SHOUDING-SB6284 Datasheet
2Mb / 7P
High Efficiency 1.2MHz 2A Step Up Converter
logo
Shenzhen Huazhimei Semi...
HM1548B HMSEMI-HM1548B Datasheet
1Mb / 7P
High Efficiency 1.2MHz 2A Step Up Converter
logo
AiT Semiconductor Inc.
A7122A AITSEMI-A7122A Datasheet
712Kb / 13P
DC-DC CONVERTER BUCK (STEP-DOWN) 5.5V 2A 1.3MHz SYNCHRONOUS
REV1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com