Electronic Components Datasheet Search
  English  ▼

X  

MP1527 Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP1527
Description  2A, 1.3MHz Step-Up Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1527 Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP1527 Datasheet HTML 2Page - Monolithic Power Systems MP1527 Datasheet HTML 3Page - Monolithic Power Systems MP1527 Datasheet HTML 4Page - Monolithic Power Systems MP1527 Datasheet HTML 5Page - Monolithic Power Systems MP1527 Datasheet HTML 6Page - Monolithic Power Systems MP1527 Datasheet HTML 7Page - Monolithic Power Systems MP1527 Datasheet HTML 8Page - Monolithic Power Systems MP1527 Datasheet HTML 9Page - Monolithic Power Systems MP1527 Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
MP1527
2A, 1.3MHz
Step-Up Converter
MP1527 Rev 1.8_8/31/05
Monolithic Power Systems, Inc.
6
Monolithic Power Systems
Figure 8: Efficiency vs. Load Current (Non-Bootstrapped)
VOUT = 12V
50.00%
55.00%
60.00%
65.00%
70.00%
75.00%
80.00%
85.00%
90.00%
95.00%
100.00%
10
100
1000
Load Current (mA)
VIN=3.3V
VIN=5V
VIN=8V
Figure 9: VIN = 5V, VOUT = 12V @ 500mA Load
Figure 10: Driving Multiple Strings of White LEDs
ON/OFF
FAULT
V
IN =5V
V
OUT= 12V
@0.5A
SS
EN
FAULT
IN
BP
SGND
SW
FB
PGND
COMP
10µF
C2
10µF
MBR0530
R3
10K
C3
5.6nF
10nF
10nF
4.7µH
10K
91K
100K
C4
N/A
ON/OFF
Up to
6 LEDs
per String
MP1527
IN
SS
EN
FB
SW
V
IN= 2.6
to 25V
60
60
60
SGND
PGND
BP
FAULT
FAULT
COMP
4.7µF
1µF
1µF
10nF 10nF
5.6K
100K
4.7nF
1N5819H
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com