Electronic Components Datasheet Search
  English  ▼

X  

XRT86VL32 Datasheet(PDF) 22 Page - Exar Corporation

Part # XRT86VL32
Description  DUAL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL32 Datasheet(HTML) 22 Page - Exar Corporation

Back Button XRT86VL32 Datasheet HTML 18Page - Exar Corporation XRT86VL32 Datasheet HTML 19Page - Exar Corporation XRT86VL32 Datasheet HTML 20Page - Exar Corporation XRT86VL32 Datasheet HTML 21Page - Exar Corporation XRT86VL32 Datasheet HTML 22Page - Exar Corporation XRT86VL32 Datasheet HTML 23Page - Exar Corporation XRT86VL32 Datasheet HTML 24Page - Exar Corporation XRT86VL32 Datasheet HTML 25Page - Exar Corporation XRT86VL32 Datasheet HTML 26Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 174 page
background image
XRT86VL32
17
DUAL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
REV. V1.2.0
TABLE 5: ALARM GENERATION REGISTER (AGR)
HEX ADDRESS: 0Xn108
BIT
FUNCTION
TYPE
DEFAULT
DESCRIPTION-OPERATION
7
Transmit AUXP
Pattern
R/W
0
Transmit Auxiliary (AUXP) Pattern
This bit permits the user to command the Transmit E1 Framer block to
transmit the AUXP Pattern to the remote terminal equipment, as depicted
below.
0 - Configures the Transmit E1 Framer block to NOT transmit the AUXP
Pattern (which is an unframed, repeating 1010... pattern).
1 - Configures the Transmit E1 Framer block to transmit the AUXP Pattern.
The device also supports AUXP pattern detection, please read register
(address 0xnB0A) for more detail.
6
Loss of Frame
Declaration Crite-
ria
R/W
0
Loss of Frame Declaration Criteria
This bit permits the user to select the “Loss of Frame Declaration Criteria”
for the Receive E1 Framer block, as depicted below.
0 = Loss of Frame is declared immediately if either CRC Multiframe Align-
ment or FAS Alignment is lost.
1 = Loss of Frame is declared immediately if FAS Alignment is lost. If CRC
Multiframe Alignment is lost for more than 8ms, E1 receive framer will
force a frame search.
5-4
Transmit YEL And
Multi-YEL[1:0]
R/W
00
Yellow Alarm and Multiframe Yellow Alarm Generation [1:0]
These bits activate or deactivate the transmission of yellow and multiframe
yellow alarm. The Yellow alarm and multiframe Yellow alarm can be forced
to transmit as’1’, or be inserted upon detection of loss of alignment. The
decoding of these bits are explained as follows:
YEL[1:0]
YELLOW ALARM TRANSMITTED
00/10
Yellow Alarm and Multiframe Yellow Alarm transmission
is disabled.
01
Automatic Transmission of Yellow and CAS Multiframe
Yellow Alarms are enabled, as described below:
1. Whenever the Receive E1 Framer block declares the
LOF (Loss of FAS Framing) defect condition:
The corresponding Transmit E1 Framer block will automati-
cally transmit the Yellow Alarm indicator (by setting Bit 3 of
Time-Slot 0, within the non-FAS frames) to 1" whenever
(and for the duration that) the Receive E1 Framer block
declares the LOF defect condition.
2. Whenever the Receive E1 Framer block declares the
“Loss of CAS Multiframe Alignment” defect condition:
The corresponding Transmit E1 Framer block will automati-
cally transmit the CAS Multiframe Yellow Alarm indicator (by
setting Bit 6 within “Frame 0" of Time-slot 16) to “1” when-
ever (and for the duration that) the Receive E1 Framer block
declares the Loss of CAS Multiframe Defect condition.
11
Force Transmission of Yellow and Multiframe Yellow
Alarm
Both Yellow and Multiframe Yellow Alarm are transmitted as
‘1’ when this is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com