Electronic Components Datasheet Search
  English  ▼

X  

XRT86VL32 Datasheet(PDF) 32 Page - Exar Corporation

Part # XRT86VL32
Description  DUAL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL32 Datasheet(HTML) 32 Page - Exar Corporation

Back Button XRT86VL32 Datasheet HTML 28Page - Exar Corporation XRT86VL32 Datasheet HTML 29Page - Exar Corporation XRT86VL32 Datasheet HTML 30Page - Exar Corporation XRT86VL32 Datasheet HTML 31Page - Exar Corporation XRT86VL32 Datasheet HTML 32Page - Exar Corporation XRT86VL32 Datasheet HTML 33Page - Exar Corporation XRT86VL32 Datasheet HTML 34Page - Exar Corporation XRT86VL32 Datasheet HTML 35Page - Exar Corporation XRT86VL32 Datasheet HTML 36Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 174 page
background image
XRT86VL32
27
DUAL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
REV. V1.2.0
TABLE 9: RECEIVE SIGNALING & DATA LINK SELECT REGISTER (RSDLSR)
HEX ADDRESS: 0Xn10C
BIT
FUNCTION
TYPE
DEFAULT
DESCRIPTION-OPERATION
7
RxSa8ENB
R/W
0
Receive Sa8 Enable
This bit is used to specify whether or not Sa 8 (bit 7 within timeslot 0 of non-FAS
frames) will be used to receive data link information
0 = Sa8 is not used to receive data link information
1 = Sa8 is used to receive data link information
NOTE: This bit is valid only if the RxSIGDL[2:0] = “000”, “001”, or “100”. (The
National bits have been configured to receive data link bits).
6
RxSa7ENB
R/W
0
Receive Sa7 Enable
This bit is used to specify whether or not Sa 7 (bit 6 within timeslot 0 of non-FAS
frames) will be used to receive data link information
0 = Sa7 is not used to receive data link information
1 = Sa7 is used to receive data link information
NOTE: This bit is valid only if the RxSIGDL[2:0] = “000”, “001”, or “100”. (The
National bits have been configured to receive data link bits).
5
RxSa6ENB
R/W
0
Receive Sa6 Enable
This bit is used to specify whether or not Sa 6 (bit 5 within timeslot 0 of non-FAS
frames) will be used to receive data link information
0 = Sa6 is not used to receive data link information
1 = Sa6 is used to receive data link information
NOTE: This bit is valid only if the RxSIGDL[2:0] = “000”, “001”, or “100”. (The
National bits have been configured to receive data link bits).
4
RxSa5ENB
R/W
0
Receive Sa5 Enable
This bit is used to specify whether or not Sa 5 (bit 4 within timeslot 0 of non-FAS
frames) will be used to receive data link information
0 = Sa5 is not used to receive data link information
1 = Sa5 is used to receive data link information
NOTE: This bit is valid only if the RxSIGDL[2:0] = “000”, “001”, or “100”. (The
National bits have been configured to receive data link bits).
3
RxSa4ENB
R/W
0
Receive Sa4 Enable
This bit is used to specify whether or not Sa 4 (bit 3 within timeslot 0 of non-FAS
frames) will be used to receive data link information
0 = Sa4 is not used to receive data link information
1 = Sa4 is used to receive data link information
NOTE: This bit is valid only if the RxSIGDL[2:0] = “000”, “001”, or “100”. (The
National bits have been configured to receive data link bits).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com